Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC563M64L5 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC563M64L5
Description  Calibration external bus interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 28Page - STMicroelectronics SPC563M64L5 Datasheet HTML 29Page - STMicroelectronics SPC563M64L5 Datasheet HTML 30Page - STMicroelectronics SPC563M64L5 Datasheet HTML 31Page - STMicroelectronics SPC563M64L5 Datasheet HTML 32Page - STMicroelectronics SPC563M64L5 Datasheet HTML 33Page - STMicroelectronics SPC563M64L5 Datasheet HTML 34Page - STMicroelectronics SPC563M64L5 Datasheet HTML 35Page - STMicroelectronics SPC563M64L5 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Device overview
SPC563Mxx
32/48
Doc ID 13850 Rev 6
The eQADC provides the following features:
●
Dual on-chip ADCs
–2
× 12-bit ADC resolution
–
Programmable resolution for increased conversion speed (12 bit, 10 bit, 8 bit)
12-bit conversion time – 1
μs (1M sample/sec)
10-bit conversion time – 867 ns (1.2M sample/second)
8-bit conversion time – 733 ns (1.4M sample/second)
–
Up to 10-bit accuracy at 500 KSample/s and 9-bit accuracy at 1 MSample/s
–
Differential conversions
–
Single-ended signal range from 0 to 5 V
–
Variable gain amplifiers on differential inputs (
×1, ×2, ×4)
–
Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
–
Provides time stamp information when requested
–
Parallel interface to eQADC CFIFOs and RFIFOs
–
Supports both right-justified unsigned and signed formats for conversion results
●
Up to 34(e) input channels (accessible by both ADCs)
●
23 additional internal channels for measuring control and monitoring voltages inside
the device
–
Including Core voltage, I/O voltage, LVI voltages, etc.
●
An internal bandgap reference to allow absolute voltage measurements
●
4 pairs of differential analog input channels
–
Programmable pull-up/pull-down resistors on each differential input for biasing and
sensor diagnostic (200 k
Ω, 100 kΩ, 5 kΩ)
●
Silicon die temperature sensor
–
provides temperature of silicon as an analog value
–
read using an internal ADC analog channel
–
may be read with either ADC
●
Decimation filter
–
Programmable decimation factor (2 to 16)
–
Selectable IIR or FIR filter
–
Up to 4th order IIR or 8th order FIR
–
Programmable coefficients
–
Saturated or non-saturated modes
–
Programmable rounding (convergent; two’s complement; truncated)
–
Pre-fill mode to pre-condition the filter before the sample window opens
●
Full duplex synchronous serial interface to an external device
–
Free-running clock for use by an external device
–
Supports a 26-bit message length
●
Priority based Queues
–
Supports six Queues with fixed priority. When commands of distinct Queues are
e.
176-pin and 208-pin packages have 34 input channels; 144-pin package has 32; 100-pin package has 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com