Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 52Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 53Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 54Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 55Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 56Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 57Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 58Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 59Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto,
56/371
6.6.6
Interrupts
The MCC/RTC interrupt event generates an interrupt if the OIE bit of the MCCSR register is
set and the interrupt mask in the CC register is not active (RIM instruction).
6.6.7
MCC control status register (MCCSR)
Table 12.
MCC/RTC interrupt control/wake-up capability
Interrupt event
Event flag
Enable control bit Exit from WAIT
Exit from HALT
Time base overflow event
OIF
OIE
Yes
No(1)
1.
The MCC/RTC interrupt wakes up the MCU from Active Halt mode, not from Halt mode.
MCCSR
Reset value: 0000 0000 (00h)
7
654
32
10
MCO
CP[1:0]
SMS
TB[1:0]
OIE
OIF
R/W
R/W
R/W
R/W
R/W
R/W
Table 13.
MCCSR register description
Bit
Name
Function
7
MCO
Main clock out selection
This bit enables the MCO alternate function on the PF0 I/O port. It is set and cleared
by software.
0: MCO alternate function disabled (I/O pin free for general-purpose I/O)
1: MCO alternate function enabled (fOSC2on I/O port)
Note: To reduce power consumption, the MCO function is not active in Active Halt
mode.
6:5 CP[1:0]
CPU clock prescaler
These bits select the CPU clock prescaler which is applied in the different slow
modes. Their action is conditioned by the setting of the SMS bit. These two bits are
set and cleared by software:
00: fCPU in slow mode = fOSC2/2
01: fCPU in slow mode = fOSC2/4
10: fCPU in slow mode = fOSC2/8
11: fCPU in slow mode = fOSC2/16
4SMS
Slow mode select
This bit is set and cleared by software.
0: Normal mode. fCPU =fOSC2
1: Slow mode. fCPU is given by CP1, CP0
See Section 8.2: Slow mode and Section 6.6: Main clock controller with real time
clock and beeper (MCC/RTC) for more details.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com