Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 83Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 84Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 85Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 86Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 87Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 88Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 89Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 90Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
87/371
Figure 30.
Watchdog block diagram
The application program must write in the WDGCR register at regular intervals during
normal operation to prevent an MCU reset. This operation must occur only when the counter
value is lower than the window register value. The value to be stored in the WDGCR register
must be between FFh and C0h (see Figure 31).
Enabling the watchdog
When software watchdog is selected (by option byte), the watchdog is disabled after a reset.
It is enabled by setting the WDGA bit in the WDGCR register, then it cannot be disabled
again except by a reset.
When hardware watchdog is selected (by option byte), the watchdog is always active and
the WDGA bit is not used.
Controlling the downcounter
This downcounter is free-running and counts down even if the watchdog is disabled. When
the watchdog is enabled, the T6 bit must be set to prevent generating an immediate reset.
The T[5:0] bits contain the number of increments which represent the time delay before the
watchdog produces a reset (see Figure 31: Approximate timeout duration). The timing
varies between a minimum and a maximum value due to the unknown status of the
prescaler when writing to the WDGCR register (see Figure 32).
The window register (WDGWR) contains the high limit of the window: To prevent a reset, the
downcounter must be reloaded when its value is lower than the window register value and
greater than 3Fh. Figure 33 describes the window watchdog process.
Reset
WDGA
6-bit downcounter (CNT)
T6
T0
Watchdog control register (WDGCR)
T1
T2
T3
T4
T5
-
W6
W0
Watchdog window register (WDGWR)
W1
W2
W3
W4
W5
Comparator = 1
when T6:0 > W6:0
CMP
Write WDGCR
WDG prescaler Div 4
fOSC2
12-bit MCC
RTC counter
MSB
LSB
Div 64
0
5
6
11
MCC/RTC
TB[1:0] bits
(MCCSR
register)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com