Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 91Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 92Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 93Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 94Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 95Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 96Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 97Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 98Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
95/371
Figure 35.
Output compare control
Independent PWM signal generation
This mode allows up to four pulse width modulated signals to be generated on the PWMx output pins with
minimum core processing overhead. This function is stopped during Halt mode.
Each PWMx output signal can be selected independently using the corresponding OEx bit in the PWM
Control register (PWMCR). When this bit is set, the corresponding I/O pin is configured as output push-
pull alternate function.
The PWM signals all have the same frequency which is controlled by the counter period and the ARTARR
register value.
fPWM =fCOUNTER/(256 - ARTARR)
When a counter overflow occurs, the PWMx pin level is changed depending on the corresponding OPx
(output polarity) bit in the PWMCR register. When the counter reaches the value contained in one of the
output compare register (OCRx) the corresponding PWMx pin level is restored.
It should be noted that the reload values also affect the value and the resolution of the duty cycle of the
PWM output signal. To obtain a signal on a PWMx pin, the contents of the OCRx register must be greater
than the contents of the ARTARR register.
The maximum available resolution for the PWMx duty cycle is:
Resolution = 1/(256 - ARTARR)
Note:
To get the maximum resolution (1/256), the ARTARR register must be 0. With this maximum
resolution, 0% and 100% can be obtained by changing the polarity.
Counter
FDh
FEh
FFh
FDh
FEh
FFh
FDh
FEh
ARTARR = FDh
fCOUNTER
OCRx
PWMDCRx
FDh
FEh
FDh
FEh
FFh
PWMx
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com