Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 60Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 61Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 62Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 63Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 64Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 65Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 66Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 67Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Interrupts
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
64/371
7.5
Interrupt registers
7.5.1
CPU CC register interrupt bits
CPU CC register
Reset value: 111x 1010 (xAh)
7
654
32
10
1I1
H
I0
N
Z
C
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 17.
CPU CC register interrupt bits description
Bit Name
Function
5, 3
I1, I0
Software interrupt priority
These two bits indicate the current interrupt software priority:
10: Interrupt software priority = level 0 (main)
01: Interrupt software priority = level 1
00: Interrupt software priority = level 2
11: Interrupt software priority = level 3 (interrupt disable)(1)
These 2 bits are set/cleared by hardware when entering in interrupt. The loaded
value is given by the corresponding bits in the interrupt software priority registers
(ISPRx). They can be also set/cleared by software with the RIM, SIM, HALT, WFI,
IRET and push/pop instructions (see Table 19: Dedicated interrupt instruction set).
1.
MCES, TRAP and reset events can interrupt a level 3 program.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com