Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 61Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 62Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 63Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 64Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 65Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 66Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 67Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 68Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Interrupts
65/371
7.5.2
Interrupt software priority registers (ISPRX)
These four registers contain the interrupt software priority of each interrupt vector.
Each interrupt vector (except reset and TRAP) has corresponding bits in those
registers where its own software priority is stored. This correspondence is shown in
Table 18.
Each I1_x and I0_x bit value in the ISPRx registers has the same meaning as the I1
and I0 bits in the CC register.
Level 0 can not be written (I1_x = 1, I0_x = 0). In this case, the previously stored value
is kept. (example: previous = CFh, write = 64h, result = 44h)
The reset, TRAP and MCES vectors have no software priorities. When one is serviced, the
I1 and I0 bits of the CC register are both set.
ISPR0
Reset value: 1111 1111 (FFh)
7
654
32
10
I1_3
I0_3
I1_2
I0_2
I1_1
I0_1
I1_0
I0_0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ISPR1
Reset value: 1111 1111 (FFh)
7
654
32
10
I1_7
I0_7
I1_6
I0_6
I1_5
I0_5
I1_4
I0_4
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ISPR2
Reset value: 1111 1111 (FFh)
7
654
32
10
I1_11
I0_11
I1_10
I0_10
I1_9
I0_9
I1_8
I0_8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ISPR3
Reset value: 1111 1111 (FFh)
7
654
32
10
1
1
1
1
I1_13
I0_13
I1_12
I0_12
RO
RO
RO
RO
R/W
R/W
R/W
R/W
Table 18.
ISPRx interrupt vector correspondence
Vector address
ISPRx bits
FFFBh-FFFAh
I1_0 and I0_0 bits(1)
1.
Bits in the ISPRx registers which correspond to the MCES can be read and written but they are not
significant in the interrupt process management.
FFF9h-FFF8h
I1_1 and I0_1 bits
FFE1h-FFE0h
I1_13 and I0_13 bits
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com