Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 109Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 110Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 111Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 112Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 113Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 114Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 115Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 116Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
113/371
Forced compare output capability
When the FOLVi bit is set by software, the OLVLi bit is copied to the OCMPi pin. The OLVi bit has to be
toggled in order to toggle the OCMPi pin when it is enabled (OCiE bit = 1). The OCFi bit is then not set by
hardware, and thus no interrupt request is generated.
FOLVLi bits have no effect in both one pulse mode and PWM mode.
Figure 47.
Output compare block diagram
Figure 48.
Output compare timing diagram, fTIMER =fCPU/2
Output compare circuit
OC1R register
OC1E
CC0
CC1
OC2E
OLVL1
OLVL2
OCIE
0
0
0
OCF2
OCF1
16-bit
OCMP1
Latch
1
Latch
2
OC2R register
pin
FOLV2 FOLV1
OCMP2
pin
16-bit free running counter
CR1 (control register 1)
CR2 (control register 2)
SR (status register)
16-bit
16-bit
Internal CPU clock
Timer clock
Counter register
Output compare register i (OCRi)
Output compare flag i (OCFi)
OCMPi pin (OLVLi = 1)
2ED3
2ED0
2ED1
2ED2
2ED3
2ED4
2ECF
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com