Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 241 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 241 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 237Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 238Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 239Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 240Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 241Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 242Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 243Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 244Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
241/371
Figure 109. Channel manager block diagram
1.
Preload register, changes taken into account at next C event.
CFF[2:0] bits
OO bits(1)
C
OE[5:0] bits
6
6
OS[2:0] bits(1)
Phasen register1)
SR bit
3
PWM generator
Sampling frequency
DAC bit
Channel [5:0]
Current comparator output
V
I
PWM generator
SQ
R
V0C1 bit
V
I
Filter
OP[5:0] bits
MOE bit
x6
x6
6
1
MPHST register
MPOL register
MCRB register
MPAR register
MCRA register
MCRA register
MCFR register
Channel [5:0]
Dead
time
8
MDTG register
2
6
High frequency chopper
HFE[1:0] bits
HFRQ[2:0] bits
MREF register
5
CLI bit
CLIM bit
OCV bit
1
1
1
OFF time
‘1’
MCRA register
Sensorless sensor
Sampling
clock
Reg
C
DS,H
Z
Events
Commutation
BEMF zero-crossing
End of demagnetization
E
Emergency stop
Notes
Updated/shifted on R
Ratio updated (+1 or -1)
Multiplier overflow
R+/-
O
Current mode
Voltage mode
I
V
Regn Updated with regn+1
1
2
Branch taken after C
on C
event
Branch taken after D
event
Regn
MCRA register
Dead
time
Dead
time
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com