Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 262 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 262 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 258Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 259Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 260Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 261Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 262Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 263Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 264Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 265Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
262/371
AN weight register (MWGHT)
Equation 10
where (*) depends on the DCB bit in the MCRA register.
Prescaler and sampling register (MPRSR)
MWGHT
Reset value: 0000 0000 (00h)
7
654
32
10
AN[7:0]
R/W
Table 122.
MWGHT register description
Bit
Name
Function
7:0 AN[7:0]
A weight value
These bits contain the AN weight value for the multiplier. In autoswitched mode the
MCOMP register is automatically loaded when a Z event occurs (see Equation 10).
MPRSR
Reset value: 0000 0000 (00h)
7
654
32
10
SA[3:0]
ST[3:0]
R/W
R/W
Table 123.
MPRSR register description
Bit
Name
Function
7:4 SA[3:0]
Sampling ratio
These bits contain the sampling ratio value for current mode. Refer to Table 105:
Sampling frequency selection on page 238.
3:0 ST[3:0]
Step ratio
These bits contain the step ratio value. It acts as a prescaler for the MTIM timer and
is auto incremented/decremented with each R+ or R- event. Refer to Table 98: Step
frequency/period range (4 MHz) on page 226 and Table 99: modes of accessing
mtim timer-related registers on page 226.
Zn x MWGHT
256(d)
or
Zn-1 x MWGHT
256(d)
(*)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com