Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 272 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 272 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 268Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 269Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 270Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 271Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 272Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 273Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 274Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 275Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
272/371
Caution:
As the MPHST register contains bits with preload, the whole register has to be written at
once. This means that a bit set or bit reset instruction on only one bit without preload resets
all the bits with preload.
Motor current feedback register (MCFR)
5:0 OO[5:0]
Channel ON/OFF bits
These bits are used to switch channels ON/OFF at the next C event if the DAC
bit = 0 or if DAC directly = 1.
0: Channel OFF (output channel state inactive), the relevant switch is OFF, no PWM
possible
1: Channel ON (output channel state active), the relevant switch is ON, PWM is
possible (not significant when PCN or DTE bit is set)
Table 137.
MPHST register description (continued)
Bit
Name
Function
MCFR
Reset value: 0000 0000 (00h)
7
654
32
10
RPGS
RST
CFF[2:0]
CFW[2:0]
R/W
R/W
R/W
R/W
Table 138.
MCFR register description
Bit
Name
Function
7
RPGS
Register page selection
0: Access to registers mapped in page 0
1: Access to registers mapped in page 1
6RST
Reset MTC registers
Software can set this bit to reset all MTC registers without resetting the ST7.
0: No MTC register reset
1: Reset all MTC registers
5:3 CFF[2:0]
Current feedback filter bits
These bits select the number of consecutive valid samples (when the current is
above the limit) needed to generate the active event(1):
000: current feedback samples = 1
001: current feedback samples = 2
010: current feedback samples = 3
011: current feedback samples = 4
100: current feedback samples = 5
101: current feedback samples = 6
110: current feedback samples = 7
111: current feedback samples = 8
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com