Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 277 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 277 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 273Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 274Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 275Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 276Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 277Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 278Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 279Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 280Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 281Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
277/371
Repetition counter register (MREP)
Compare phase W preload register high (MCPWH)
Compare phase W preload register low (MCPWL)
MREP
Reset value: 0000 0000 (00h)
7
654
32
10
REP[7:0]
R/W
Table 145.
MREP register description
Bit
Name
Function
7:0 REP[7:0]
Repetition counter value (N)
This register allows the user to set up the update rate of the PWM counter compare
register (that is, periodic transfers from preload to active registers), as well as the
PWM Update interrupt generation rate, if these interrupts are enabled.
Each time the MREP related down-counter reaches zero, the compare registers
are updated, a U interrupt is generated and it re-starts counting from the MREP
value.
After a microcontroller reset, setting the CKE bit in the MCRA register (that is,
enabling the clock for the MTC peripheral) forces the transfer from the MREP
preload register to its active register and generates a U interrupt. During run-time
(while CKE bit = 1) a new value entered in the MREP preload register is taken into
account after a U event.
As shown in Figure 123, (N+1) value corresponds to:
The number of PWM periods in edge-aligned mode
The number of half PWM periods in center- aligned mode
MCPWH
Reset value: 0000 0000 (00h)
7
654
32
10
CPWH[7:0
R/W
Table 146.
MCPWH register description
Bit
Name
Function
7:0 CPWH[7:0] Most significant byte of phase W preload value
MCPWL
Reset value: 0000 0000 (00h)
7
654
32
10
CPWL[7:3]
Reserved
R/W
-
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com