Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 288 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 288 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 284Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 285Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 286Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 287Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 288Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 289Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 290Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 291Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 292Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
288/371
Motor sampling clock register (MSCR)
MSCR
Reset value: 0000 0000 (00h)
7
654
32
10
ZSV
Reserved
SCF[1:0]
ECM
DISS
R/W
-
R/W
R/W
R/W
Table 166.
MSCR register description
Bit
Name
Function
7ZSV
Z event sampling validation when MOE bit is reset
This bit enables/disables Z event sampling in either mode (sampling at PWM
frequency or at fSCF frequency selected by SCF[1:0] bits).
0: Z event sampling disabled
1: Z event sampling enabled
6:4
-
Reserved, must be kept cleared
3:2 SCF[1:0]
Sampling clock frequency
These bits select the sampling clock frequency (fSCF) used to count D and Z
events(1):
00: fSCF = 1 MHz (every 1µs)
01: fSCF = 500 kHz (every 2µs)
10: fSCF = 250 kHz (every 4µs)
11: fSCF = 125 kHz (every 8µs)
1.
Times are indicated for 4 MHz fPERIPH.
1ECM
Encoder capture mode
This bit is used to select the source of events which trigger the capture of the
[MTIM:MTIML] counter when using Encoder speed sensor (see Figure 91).
0: Real Time Clock interrupts
1: Read access on MTIM register
0DISS
Data input selection
This setting is effective only if PCN = 0, TES = 00 and SR = 0.
0: Unused MCIx inputs are grounded
1: Unused MCIx inputs are put in HiZ
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com