Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 299 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 299 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 295Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 296Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 297Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 298Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 299Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 300Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 301Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 302Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 303Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
299/371
A/D conversion
The analog input ports must be configured as input, no pull-up, no interrupt. Refer to the “I/O
ports” chapter. Using these pins as analog inputs does not affect the ability of the port to be
read as a logic input. If the application used the high-impedance analog inputs, then the
sample time should be stretched by setting the ADSTS bit in the MCCBCR register.
In the ADCCSR register:
Select the CS[3:0] bits to assign the analog channel to convert.
ADC conversion mode
In the ADCCSR register:
Set the ADON bit to enable the A/D converter and to start the conversion. From this
time on, the ADC performs a continuous conversion of the selected channel.
The EOC bit is kept low by hardware during the conversion.
Note:
Changing the A/D channel during conversion stops the current conversion and starts
conversion of the newly selected channel.
When a conversion is complete:
The EOC bit is set by hardware
An interrupt request is generated if the ADCIE bit in the MCCBCR register is set (see
Section 6.6.7: MCC control status register (MCCSR) on page 56).
The result is in the ADCDR registers and remains valid until the next conversion has
ended.
To read the 10 bits, perform the following steps:
1.
Poll the EOC bit or wait for EOC interrupt
2.
Read ADCDRLSB
3.
Read ADCDRMSB
The EOC bit is reset by hardware once the ADCDRMSB is read.
To read only 8 bits, perform the following steps:
1.
Poll the EOC bit or wait for EOC interrupt
2.
Read ADCDRMSB
The EOC bit is reset by hardware once the ADCDRMSB is read.
Changing the conversion channel
The application can change channels during conversion. In this case the current conversion
is stopped and the A/D converter starts converting the newly selected channel.
ADCCR consistency
If an End Of Conversion event occurs after software has read the ADCDRLSB but before it
has read the ADCDRMSB, there would be a risk that the two values read would belong to
different samples.
To guarantee consistency:
The ADCDRMSB and the ADCDRLSB are locked when the ADCCRLSB is read
The ADCDRMSB and the ADCDRLSB are unlocked when the MSB is read or when
ADON is reset.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com