Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 305 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 305 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 301Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 302Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 303Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 304Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 305Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 306Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 307Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 308Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 309Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Instruction set
305/371
11.1.2
Immediate
Immediate instructions have two bytes: the first byte contains the opcode, the second byte
contains the operand value.
11.1.3
Direct
In direct instructions, the operands are referenced by their memory address.
The direct addressing mode consists of two sub-modes:
Direct (short)
The address is a byte, thus requires only one byte after the opcode, but only allows
00 - FF addressing space.
Direct (long)
The address is a word, thus allowing 64 Kbyte addressing space, but requires 2 bytes
after the opcode.
11.1.4
Indexed (no offset, short, long)
In this mode, the operand is referenced by its memory address, which is defined by the
unsigned addition of an index register (X or Y) with an offset.
The indirect addressing mode consists of three sub-modes:
Indexed (no offset)
There is no offset, (no extra byte after the opcode), and allows 00 - FF addressing
space.
Indexed (short)
The offset is a byte, thus requires only one byte after the opcode and allows 00 - 1FE
addressing space.
Indexed (long)
The offset is a word, thus allowing 64 Kbyte addressing space and requires 2 bytes
after the opcode.
Table 180.
Immediate instructions
Immediate instruction
Function
LD
Load
CP
Compare
BCP
Bit compare
AND, OR, XOR
Logical operations
ADC, ADD, SUB, SBC
Arithmetic operations
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com