Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2-Auto Datasheet(PDF) 346 Page - STMicroelectronics

Part # ST7MC1K2-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto Datasheet(HTML) 346 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 342Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 343Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 344Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 345Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 346Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 347Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 348Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 349Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 350Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
346/371
12.13
Operational amplifier characteristics
Subject to general operating conditions for fOSC, and TA unless otherwise specified.
(TA = -40 to +125
oC, V
DD -VSSA = 4.5 to 5.5V unless otherwise specified)
Table 219.
Operational amplifier characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RL
Resistive load (max 500µA @ 5V)
10
k
Ω
CL
Capacitive load at VOUT pin
150
pF
VCMIR
Common mode input range
VSSA
VDD/2
V
Vio
Input offset voltage
( + or - )(1)
After calibration, VIC =1V
2.5
10(2)
mV
∆V
io
Input offset voltage drift from the
calibrated voltage, temperature
conditions
With respect to temperature
8.5(3)
µV/oC
With respect to common mode
input
1(3)
mV/V
With respect to supply
3.1(3)
CMR
Common mode rejection ratio
HIGHGAIN = 0 @ 100 kHz
74
dB
SVR
Supply voltage rejection ratio
@ 100 kHz
50(4)
65
Avd
Voltage gain
RL = 10kΩ
(1.5)(4)
12
V/mV
VSAT_OH
High level output saturation
voltage (VDD -VOUT)
RL = 10kΩ
60
90(4)
mV
VSAT_OL
Low level output saturation
voltage
30
GBP
Gain bandwidth product
HIGHGAIN = 0
2(4)
46(4)
MHz
HIGHGAIN = 1
7(4)
11
15(4)
SR+
Slew rate while rising
HIGHGAIN = 0
(AVCL =1, RL = 10kΩ,
CL = 150pF, Vi = 1.75V to 2.75V)
(5)
1(4)
2
V/µs
SR-
Slew rate while falling
HIGHGAIN = 0
(AVCL =1, RL = 10kΩ,
CL = 150pF, Vi = 1.75V to 2.75V)
(5)
2.5(4)
7.5
Φm
Phase margin
HIGHGAIN = 0
73
degrees
HIGHGAIN = 1
75
Twakeup
Wake-up time for the op-amp
from off state
0.8(6)
1.6(6)
µs
1.
After offset compensation has been performed.
2.
The amplifier accuracy is dependent on the environment. The offset value is given for a measurement done with all digital
I/Os stable. Negative injection current on the I/Os close to the inputs may reduce the accuracy. In particular care must be
taken to avoid switching on I/Os close to the inputs when the op-amp is in use. This phenomenon is even more critical when
a big external serial resistor is added on the inputs.
3.
The data are provided from simulations (not tested in production) to guide the user when re-calibration is needed.
4.
Data based on characterization results, not tested in production.
5.
AVCL = closed loop gain.
6.
The data are provided from simulations (not tested in production).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com