Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321R6-Auto Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 80Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 81Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 82Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 83Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 84Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 85Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 86Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 87Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 243 page
background image
Main clock controller with real-time clock and beeper (MCC/RTC)
ST72321xx-Auto
84/243
Doc ID 13829 Rev 1
11.8
Main clock controller registers
11.8.1
MCC control/status register (MCCSR)
MCCSR
Reset value: 0000 0000 (00h)
76
543
21
0
MCO
CP[1:0]
SMS
TB[1:0]
OIE
OIF
RW
RW
RW
RW
RW
RW
Table 40.
MCCSR register description
Bit
Name
Function
7MCO
Main clock out selection
This bit enables the MCO alternate function on the PF0 I/O port. It is set and
cleared by software.
0: MCO alternate function disabled (I/O pin free for general-purpose I/O)
1: MCO alternate function enabled (fCPU on I/O port)
Note: To reduce power consumption, the MCO function is not active in Active Halt
mode.
6:5
CP[1:0]
CPU clock prescaler
These bits select the CPU clock prescaler which is applied in the different slow
modes. Their action is conditioned by the setting of the SMS bit. These two bits are
set and cleared by software.
00: fCPU in Slow mode = fOSC2/2
01: fCPU in Slow mode = fOSC2/4
10: fCPU in Slow mode = fOSC2/8
11: fCPU in Slow mode = fOSC2/16
4SMS
Slow mode select
This bit is set and cleared by software.
0: Normal mode. fCPU = fOSC2
1: Slow mode. fCPU is given by CP1, CP0
See Section 8.2: Slow mode on page 62 and Chapter 11: Main clock controller with
real-time clock and beeper (MCC/RTC) for more details.
3:2
TB[1:0]
Time base control
These bits select the programmable divider time base. They are set and cleared by
software (see Table 41).
A modification of the time base is taken into account at the end of the current period
(previously set) to avoid an unwanted time shift. This allows to use this time base
as a real-time clock.
1OIE
Oscillator interrupt enable
This bit set and cleared by software.
0: Oscillator interrupt disabled
1: Oscillator interrupt enabled
This interrupt can be used to exit from Active Halt mode.
When this bit is set, calling the ST7 software HALT instruction enters the Active Halt
power saving mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com