Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321R6-Auto Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 90Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 91Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 92Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 93Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 94Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 95Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 96Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 97Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 243 page
background image
PWM auto-reload timer (ART)
ST72321xx-Auto
94/243
Doc ID 13829 Rev 1
12.3.2
Counter access register (ARTCAR)
12.3.3
Auto-reload register (ARTARR)
This register has two PWM management functions:
–
Adjusting the PWM frequency
–
Setting the PWM duty cycle resolution
fINPUT / 8
1 MHz
0
1
1
fINPUT / 16
500 kHz
1
0
0
fINPUT / 32
250 kHz
1
0
1
fINPUT / 64
125 kHz
1
1
0
fINPUT / 128
62.5 kHz
1
1
1
Table 46.
Prescaler selection for ART (continued)
fCOUNTER
With fINPUT = 8 MHz
CC2
CC1
CC0
ARTCAR
Reset value: 0000 0000 (00h)
76
543
21
0
CA[7:0]
RW
Table 47.
ARTCAR register description
Bit
Name
Function
7:0
CA[7:0]
Counter Access Data
These bits can be set and cleared either by hardware or by software. The
ARTCAR register is used to read or write the auto-reload counter “on the fly”
(while it is counting).
ARTARR
Reset value: 0000 0000 (00h)
76
543
21
0
AR[7:0]
RW
Table 48.
ARTAAR register description
Bit
Name
Function
7:0
AR[7:0]
Counter Auto-Reload Data
These bits are set and cleared by software. They are used to hold the auto-reload
value which is automatically loaded in the counter when an overflow occurs. At the
same time, the PWM output levels are changed according to the corresponding
OPx bit in the PWMCR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com