Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321R6-Auto Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 47Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 48Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 49Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 50Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 51Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 52Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 53Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 54Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 243 page
background image
ST72321xx-Auto
Interrupts
Doc ID 13829 Rev 1
51/243
When an interrupt request is not serviced immediately, it is latched and then processed
when its software priority combined with the hardware priority becomes the highest one.
Note:
1
The hardware priority is exclusive while the software one is not. This allows the previous
process to succeed with only one interrupt.
2
TLI, RESET and TRAP can be considered as having the highest software priority in the
decision process.
Different interrupt vector sources
Two interrupt source types are managed by the ST7 interrupt controller: the non-maskable
type (RESET, TRAP) and the maskable type (external or from internal peripherals).
Non-maskable sources
These sources are processed regardless of the state of the I1 and I0 bits of the CC register
(see Figure 17). After stacking the PC, X, A and CC registers (except for RESET), the
corresponding vector is loaded in the PC register and the I1 and I0 bits of the CC are set to
disable interrupts (level 3). These sources allow the processor to exit Halt mode.
●
TRAP (non-maskable software interrupt)
This software interrupt is serviced when the TRAP instruction is executed. It will be
serviced according to the flowchart in Figure 17.
Caution:
TRAP can be interrupted by a TLI.
●
RESET
The RESET source has the highest priority in the ST7. This means that the first current
routine has the highest software priority (level 3) and the highest hardware priority.
See Section 6.5: Reset sequence manager (RSM) on page 40 for more details.
Maskable sources
Maskable interrupt vector sources can be serviced if the corresponding interrupt is enabled
and if its own interrupt software priority (in ISPRx registers) is higher than the one currently
being serviced (I1 and I0 in CC register). If any of these two conditions is false, the interrupt
is latched and thus remains pending.
●
TLI (top level hardware interrupt)
Caution:
This hardware interrupt occurs when a specific edge is detected on the dedicated TLI pin. It
will be serviced according to the flowchart in Figure 17 as a trap.
A TRAP instruction must not be used in a TLI service routine.
●
External Interrupts
External interrupts allow the processor to exit from HALT low power mode. External
interrupt sensitivity is software selectable through the External Interrupt Control register
(EICR).
External interrupt triggered on edge will be latched and the interrupt request
automatically cleared upon entering the interrupt service routine.
If several input pins of a group connected to the same interrupt line are selected
simultaneously, these will be logically ORed.
●
Peripheral Interrupts
Usually the peripheral interrupts cause the MCU to exit from Halt mode except those
mentioned in Table 20: Interrupt mapping. A peripheral interrupt occurs when a specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com