Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321R6-Auto Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 14Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 15Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 16Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 17Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 18Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 19Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 20Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 21Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 243 page
background image
Description
ST72321xx-Auto
18/243
Doc ID 13829 Rev 1
1
Description
The ST72321xx-Auto Flash and ROM devices are members of the ST7 microcontroller
family designed for mid-range automotive applications running from 3.8 to 5.5V.
All devices are based on a common industry-standard 8-bit core, featuring an enhanced
instruction set and are available with Flash program memory. The ST7 family architecture
offers both power and flexibility to software developers, enabling the design of highly
efficient and compact application code.
The on-chip peripherals include an A/D converter, a PWM autoreload timer, two general
purpose timers, I2C, SPI, SCI interfaces.
For power economy, the microcontroller can switch dynamically into Wait, Slow, Active Halt
or Halt mode when the application is in idle or standby state.
Typical applications include
●
all types of car body applications such as window lift, DC motor control, rain sensors
●
safety microcontroller in airbag and engine management applications
●
auxiliary functions in car radios
Table 2.
Product overview
Reference
Program memory
RAM (stack)
Voltage range
Temp. range
Package
ST72321R9-Auto
60 Kbytes
Flash/ROM
2048 (256) bytes
3.8V to 5.5V
Up to
-40°C to 125°C
LQFP64 14x14
ST72321AR9-Auto
LQFP64 10x10
ST72321J9-Auto
LQFP48 10x10
ST72321R7-Auto
48 Kbytes
Flash/ROM
1536 (256) byte
LQFP64 14x14
ST72321AR7-Auto
LQFP64 10x10
ST72321J7-Auto
LQFP48 10x10
ST72321R6-Auto
32 Kbytes
Flash/ROM
1024 (256) byte
LQFP64 14x14
ST72321AR6-Auto
LQFP64 10x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com