Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72321R6-Auto Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST72321R6-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R6-Auto Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST72321R6-Auto Datasheet HTML 89Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 90Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 91Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 92Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 93Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 94Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 95Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 96Page - STMicroelectronics ST72321R6-Auto Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 243 page
background image
ST72321xx-Auto
PWM auto-reload timer (ART)
Doc ID 13829 Rev 1
93/243
12.3
ART registers
12.3.1
Control/status register (ARTCSR)
ARTCSR
Reset value: 0000 0000 (00h)
76
543
21
0
EXCL
CC[2:0]
TCE
FCRL
OIE
OVF
RW
RW
RW
RW
RW
RW
Table 45.
ARTCSR register description
Bit
Name
Function
7
EXCL
External Clock
This bit is set and cleared by software. It selects the input clock for the 7-bit
prescaler.
0: CPU clock
1: External clock
6:4 CC[2:0]
Counter Clock Control
These bits are set and cleared by software. They determine the prescaler division
ratio from fINPUT (see Table 46).
3TCE
Timer Counter Enable
This bit is set and cleared by software. It puts the timer in the lowest power
consumption mode.
0: Counter stopped (prescaler and counter frozen)
1: Counter running
2
FCRL
Force Counter Re-Load
This bit is write-only and any attempt to read it will yield a logical zero. When set, it
causes the contents of ARTARR register to be loaded into the counter, and the
content of the prescaler register to be cleared in order to initialize the timer before
starting to count.
1OIE
Overflow Interrupt Enable
This bit is set and cleared by software. It allows to enable/disable the interrupt which
is generated when the OVF bit is set.
0: Overflow Interrupt disable
1: Overflow Interrupt enable
0OVF
Overflow Flag
This bit is set by hardware and cleared by software reading the ARTCSR register. It
indicates the transition of the counter from FFh to the ARTARR value.
0: New transition not yet reached
1: Transition reached
Table 46.
Prescaler selection for ART
fCOUNTER
With fINPUT = 8 MHz
CC2
CC1
CC0
fINPUT
8 MHz
000
fINPUT / 2
4 MHz
0
0
1
fINPUT / 4
2 MHz
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com