Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 161Page - STMicroelectronics ST72345C4 Datasheet HTML 162Page - STMicroelectronics ST72345C4 Datasheet HTML 163Page - STMicroelectronics ST72345C4 Datasheet HTML 164Page - STMicroelectronics ST72345C4 Datasheet HTML 165Page - STMicroelectronics ST72345C4 Datasheet HTML 166Page - STMicroelectronics ST72345C4 Datasheet HTML 167Page - STMicroelectronics ST72345C4 Datasheet HTML 168Page - STMicroelectronics ST72345C4 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
165/247
I2C data register (DR)
Reset value: 0000 0000 (00h)
Bits 7:0 = D[7:0] 8-bit Data Register.
These bits contain the byte to be received or transmitted on the bus.
●
Transmitter mode: byte transmission start automatically when the software writes in the
DR register.
●
Receiver mode: the first data byte is received automatically in the DR register using the
least significant bit of the address.
Then, the following data bytes are received one by one after reading the DR register.
I2C own address register (OAR1)
Reset value: 0000 0000 (00h)
7-bit addressing mode
Bits 7:1 = ADD[7:1] Interface address.
These bits define the I2C bus address of the interface. They are not cleared when the
interface is disabled (PE=0).
Bit 0 = ADD0 Address direction bit.
This bit is don’t care, the interface acknowledges either 0 or 1. It is not cleared when
the interface is disabled (PE=0).
Note:
Address 01h is always ignored.
10-bit addressing mode
Bit 7:0 = ADD[7:0] Interface address.
These are the least significant bits of the I2C bus address of the interface. They are not
cleared when the interface is disabled (PE=0).
7
0
D7
D6
D5
D4
D3
D2
D1
D0
Read / Write
7
0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com