Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 164Page - STMicroelectronics ST72345C4 Datasheet HTML 165Page - STMicroelectronics ST72345C4 Datasheet HTML 166Page - STMicroelectronics ST72345C4 Datasheet HTML 167Page - STMicroelectronics ST72345C4 Datasheet HTML 168Page - STMicroelectronics ST72345C4 Datasheet HTML 169Page - STMicroelectronics ST72345C4 Datasheet HTML 170Page - STMicroelectronics ST72345C4 Datasheet HTML 171Page - STMicroelectronics ST72345C4 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
168/247
Doc ID 12321 Rev 6
Figure 71.
I2C3S interface block diagram
11.7.3
General description
In addition to receiving and transmitting data, I2C3S converts it from serial to parallel format
and vice versa. The interrupts are enabled or disabled by software. The I2C3S is connected
to the I2C bus by a data pin (SDA) and by a clock pin (SCL). It can be connected both with a
standard I2C bus and a Fast I2C bus. The interface operates only in Slave mode as
transmitter/receiver.
In order to fully emulate standard I2C EEPROM devices with highest transfer speed, the
peripheral prevents I2C clock signal stretching and performs data transfer between the shift
register and the RAM buffers using DMA.
Communication flow
A serial data transfer normally begins with a start condition and ends with a stop condition.
Both start and stop conditions are generated by an external master. Refer to Figure 67 for
the standard protocol. The I2C3S is not a master and is not capable of generating a
start/stop condition on the SDA line. The I2C3S is capable of recognizing 3 slave addresses
which are user programmable. The three I2C slave addresses can be individually
enabled/disabled by software.
Since the I2C3S interface always acts as a slave, it does not generate a clock. Data and
addresses are transferred as 8-bit bytes, MSB first. The first byte following the start
condition contains the slave address. A 9th clock pulse follows the 8 clock cycles of a byte
transfer, during which the receiver must send an acknowledge bit to the transmitter.
I2C SLAVE ADDRESS 1
I2C SLAVE ADDRESS 2
I2C SLAVE ADDRESS 3
CPU
RAM
128 BYTES
SLAVE 3 BUFFER
256 BYTES
SLAVE 1 BUFFER
256 BYTES
SLAVE 2 BUFFER
DMA
COMPARATOR
CONTROL LOGIC
8-BIT
SHIFT REGISTER
SCL or SCLI
SDA or SDAI
Slave 1 or 2 Interrupt
Slave 3 Interrupt
DATA E2PROM
256 BYTES
REGISTER
SHADOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com