Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345C4 Datasheet(PDF) 167 Page - STMicroelectronics

Part # ST72345C4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345C4 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button ST72345C4 Datasheet HTML 163Page - STMicroelectronics ST72345C4 Datasheet HTML 164Page - STMicroelectronics ST72345C4 Datasheet HTML 165Page - STMicroelectronics ST72345C4 Datasheet HTML 166Page - STMicroelectronics ST72345C4 Datasheet HTML 167Page - STMicroelectronics ST72345C4 Datasheet HTML 168Page - STMicroelectronics ST72345C4 Datasheet HTML 169Page - STMicroelectronics ST72345C4 Datasheet HTML 170Page - STMicroelectronics ST72345C4 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
167/247
11.7
I2C triple slave interface with DMA (I2C3S)
11.7.1
Introduction
The I2C3S interface provides three I2C slave functions, supporting both standard (up to
100 kHz) and fast I2C mode (100 to 400 kHz). Special features are provided for:
●
Full-speed emulation of standard I2C E2PROMs
●
Receiving commands to perform user-defined operations such as IAP
11.7.2
Main features
●
Three user configurable independent slave addresses can be individually enabled
●
2x 256 bytes and 1x 128 bytes buffers with fixed addresses in RAM
●
7-bit addressing
●
DMA transfer to/from I2C bus and RAM
●
Standard (transfers 256 bytes at up to 100 kHz)
●
Fast mode (transfers 256 bytes at up to 400 kHz)
●
Transfer error detection and handling
●
3 interrupt flags per address for maximum flexibility
●
Two interrupt request lines (one for Slaves 1 and 2, the other for Slave 3)
●
Full emulation of standard I2C EEPROMs:
–
Supports 5 read/write commands and combined format
–No I2C clock stretching
–
Programmable page size (8/16 bytes) or full buffer
–
Configurable write protection
●
Data integrity and byte-pair coherency when reading 16-bit words from I2C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com