Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7252 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7252 Datasheet HTML 9Page - Anpec Electronics Coropration APW7252 Datasheet HTML 10Page - Anpec Electronics Coropration APW7252 Datasheet HTML 11Page - Anpec Electronics Coropration APW7252 Datasheet HTML 12Page - Anpec Electronics Coropration APW7252 Datasheet HTML 13Page - Anpec Electronics Coropration APW7252 Datasheet HTML 14Page - Anpec Electronics Coropration APW7252 Datasheet HTML 15Page - Anpec Electronics Coropration APW7252 Datasheet HTML 16Page - Anpec Electronics Coropration APW7252 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
13
Register Map
Slave Address : 0111110
Address
Bit
Name
Default
Value
Description
Resolution
Range
R/W
00h
[4:0
]
VOUTP_SE
T
0x0
VOUTP Voltage
adjustment
100mV
4V ~ 6V
R/W
01h
[4:0
]
VOUTN_S
ET
0x0
VOUTN Voltage
adjustment
100mV
-4V ~ -6V
R/W
02h
[4:0
]
VREG_SET
0x0
VREG Voltage
adjustment
100mV
4V ~ 6.2V
R/W
03h
[1:0
]
Discharge
Control
0x03
VOUTP/VOUTN
Discharge Resistance
Enable/Disable
-
-
R/W
04h
[4:0
]
Vendor ID
0x00
Vendor ID Code
-
-
R
Table 1: Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com