Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7252 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7252 Datasheet HTML 2Page - Anpec Electronics Coropration APW7252 Datasheet HTML 3Page - Anpec Electronics Coropration APW7252 Datasheet HTML 4Page - Anpec Electronics Coropration APW7252 Datasheet HTML 5Page - Anpec Electronics Coropration APW7252 Datasheet HTML 6Page - Anpec Electronics Coropration APW7252 Datasheet HTML 7Page - Anpec Electronics Coropration APW7252 Datasheet HTML 8Page - Anpec Electronics Coropration APW7252 Datasheet HTML 9Page - Anpec Electronics Coropration APW7252 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
6
Electrical Characteristics (Cont.)
APW 72 52
Symbol
Param eter
Test C on ditio ns
Min
Typ
Max
U nit
no lo ad
-
-
0.85
%/V
IOUT= 5mA
-
-
1
%/V
Li ne Tran sie nt VOUTP Peak-to-P eak
Voltage
VVIN= 2.8 V to
4.5V to 2 .8 V,
Tr= Tf= 24u s,
VREG =5.4V,
VOUTP = 5.2V,
VOUTN =-5.2V,
CVREG= 4.7uF,
COU TP =4.7uF,
COU TN= 4.7uF,
L= 2.2 uH,
CFLY=2.2uF,
TA=25 ℃
IOUT= 35mA
-
-
1 .3
%/V
Ther m al Shutdow n
-
160
-
℃
Ther m al Shutdow n Hysteresis
-
1 0
-
℃
REG U nd er-voltage T hresho ld
-
0.5*VREG
-
V
O UTP Unde r-vo lta ge Th reshold
-
0.5*VOUTP
-
V
O UTN Un der-voltage Thre sh old
-
0.5*VOUT
N
-
V
LOG IC/DIGITA L
V
IL
Lo gic Inp ut Lo w Voltage
EN N, ENP ,S C L, S DA
-
-
0.54
V
VIH
Lo gic Inp ut High Voltage
EN N, ENP ,S C L, S DA
1.1
-
-
V
Inpu t Log ic High T hresho ld
0.8
-
1
V
Inpu t Log ic High T hresho ld
Hystere sis
20 0
mV
Interna l P ull-d own Resistance
EN N, ENP
-
200
-
kΩ
I
2C SCL Clock Fre quen cy
-
-
40 0
kHz
SMB us Con tro l
S MB D AT a nd SMBCLK L ogic
High Log ic
1.1
-
-
V
Low Logic
-
-
0.54
V
S MB D AT
a nd
SMBC LK
L eakage
Curre nt
-
0 .01
1
uA
FSMB
S MB us O pera tin g Fre quency
10
-
10 0
K Hz
TBUF
B us free tim e b etwee n stop and start
cond ition
4.7
-
-
u s
T _HD_STA Hold tim e after sta rt cond itio n
Afte r this perio d, the first cl ock is ge nerated
4
-
-
u s
T _SD_STA Repe ated start co ndition setup time
4.7
-
-
u s
T _SD _STO Stop condition setup time
4
-
-
u s
T_HD_DAT Data hold time
30 0
-
-
n s
T _SU_DAT Data setu p tim e
25 0
-
-
n s
T _TIMEOUT Detect clock lo w tim eout
25
-
35
ms
T_LOW
Clock low pe riod
4.7
-
-
u s
T_HIGH
Clock high pe riod
4
-
50
u s
T _LOW_SEX
T
S lave device cum ulative clock low
extend time_slave
-
-
25
ms
T_LOW_ME
XT
Master device cu mu lative clock low
extend time_m aster
-
-
10
ms
TF_SMB
Fall tim e of SM B D AT/CLK
-
-
30 0
n s
TR_SMB
Rise tim e of SM B D AT /CL K
-
-
1 000
n s
T_SMB_POR P owe r o n reset o f SMB
Tim e in which a d evi ce m ust be o peratio n
afte r p owe r on reset
-
3
50 0
ms
V
VIN = 3.7V, ENN = ENP = VVIN, VOUTP = 5.4V, VOUTN = -5.4 V, TA = -40
oC to 85oC; typical values are at T
A = 25
oC, Unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com