Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7252 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7252 Datasheet HTML 10Page - Anpec Electronics Coropration APW7252 Datasheet HTML 11Page - Anpec Electronics Coropration APW7252 Datasheet HTML 12Page - Anpec Electronics Coropration APW7252 Datasheet HTML 13Page - Anpec Electronics Coropration APW7252 Datasheet HTML 14Page - Anpec Electronics Coropration APW7252 Datasheet HTML 15Page - Anpec Electronics Coropration APW7252 Datasheet HTML 16Page - Anpec Electronics Coropration APW7252 Datasheet HTML 17Page - Anpec Electronics Coropration APW7252 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
14
Register Definition
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Bit name
Reserved
Reserved
Reserved
VOUTP_SET[4:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit Name
Bit Definition
VOUTP_SET[4:0]
VOUTP Voltage adjustment:
00000:
4V
01011:
5.1V
00001:
4.1V
01100:
5.2V (Default:7252B)
00010:
4.2V
01101:
5.3V
00011:
4.3V
01110:
5.4V
00100:
4.4V
01111:
5.5V
00101:
4.5V
10000:
5.6V
00110:
4.6V
10001:
5.7V
00111:
4.7V
10010:
5.8V
01000:
4.8V
10011:
5.9V
01001:
4.9V
10100:
6.0V
01010:
5.0V (Default:7252A)
10101~11111:
6.0V
Register 00:VOUTP_SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com