Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7252 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7252 Datasheet HTML 1Page - Anpec Electronics Coropration APW7252 Datasheet HTML 2Page - Anpec Electronics Coropration APW7252 Datasheet HTML 3Page - Anpec Electronics Coropration APW7252 Datasheet HTML 4Page - Anpec Electronics Coropration APW7252 Datasheet HTML 5Page - Anpec Electronics Coropration APW7252 Datasheet HTML 6Page - Anpec Electronics Coropration APW7252 Datasheet HTML 7Page - Anpec Electronics Coropration APW7252 Datasheet HTML 8Page - Anpec Electronics Coropration APW7252 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
4
Electrical Characteristics
AP W725 2
Symbol
P arame ter
Test Conditions
Min
Typ
Max
Unit
SUP PLY CURRENT
IVIN
VIN S upp ly Curre nt
V ENP=VENN=3.7V
–
5 40
-
µA
IVIN_SD
VIN S upp ly Curre nt in Sh utd own
V ENP=VENN=0V
–
1
3
µA
UNDE R-VOLTAG E LO CKO UT
VUVLO_R
VIN UVL O Risin g Thr eshold Voltage V VIN risin g, TA= -40 ~ 85
o C (Note4)
2.3
2.4
2.5
V
VUVLO_F
VIN UVL O Falli ng Th reshold Voltage V VIN risin g, TA= -40 ~ 85
o C (Note4)
2.1
2.2
2.3
V
VUVLO_HYS VIN UVL O Th reshold Hyeteresis
–
0.2
–
V
BOO ST REG ULATOR
VREG
REG O utp ut Voltage
Re giste r V RE G_S ET = 0 x00 , no loa d
-
4
-
V
REG Pr ogramma ble Range
4
-
6.2
V
REG O utp ut Voltage Accu racy
-3
-
3
%
I
BST_IL IM
Bo ost nFET Cur rent Limit
VVIN = 3.7 V, L=2.2uH, TA = 25
°C
0.6
-
-
A
RON_BST_L
Bo ost Low Side S witch
On -resistan ce
T
A= 25℃ , I=10 0mA,
-
3 00
-
mΩ
RON_BST_H
Bo ost High Sid e S wi tch
On -resistan ce
T
A= 25℃ , I=10 0mA,
-
5 00
-
mΩ
I
L XP_ LEAK
SW Lea ka ge Curren t
V
SW=6V, VENP=VENN =0V
-
-
10
µA
DMAX
SW Maximum Du ty
-
91
-
%
FSW_BST
Bo ost Switch ing Frequ ency
1.35
1.8
2.25
MHz
T
SS_BST
Bo ost Soft sta rt Time
TA=25℃ , CVBST=10
µF
-
6 00
-
µs
NEG ATIVE RE GULATOR (OUTN)
V OUTN
OUTN O utput Vo ltag e
Re giste r V OUTN_ SET=0x0 0, n o lo ad
-
-4
-
V
OUTN P rogr ammable Rang e
-4
-
-6
V
OUTN O utput Vo ltag e Accuracy
-1
-
1
%
FSW_OUTN
Charg e Pump Switching
Frequ ency
-
9 00
-
kHz
Loa d Re gula tio n
ΔIOUT=40mA
-
15
-
%/Α
ICFLY1_LEA
K
CFLY 1 P in Leaka ge Cu rrent
V CFLY1=6V, V ENN=0V
-
-
10
µA
ICFLY2_LEA
K
CFLY 2 P in Leaka ge Cu rrent
V CFLY2=-6 V, V ENN=0V
-10
-
-
µA
RON_CFLY1 CFLY 1 to GND On Resistance
I=100mA
-
0.35
-
Ω
RON_CFLY2 CFLY 2 to GND On Resistance
I=-100mA , PMOS FET
-
0.75
-
Ω
V
VIN = 3.7V, ENN = ENP = VVIN, VOUTP = 5.2V, VOUTN = -5.2 V, TA = -40
oC to 85oC; typical values are at T
A = 25
oC, Unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com