Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7252 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW7252
Description  High Efficiency Power Supply for Small Size Display
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7252 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW7252 Datasheet HTML 14Page - Anpec Electronics Coropration APW7252 Datasheet HTML 15Page - Anpec Electronics Coropration APW7252 Datasheet HTML 16Page - Anpec Electronics Coropration APW7252 Datasheet HTML 17Page - Anpec Electronics Coropration APW7252 Datasheet HTML 18Page - Anpec Electronics Coropration APW7252 Datasheet HTML 19Page - Anpec Electronics Coropration APW7252 Datasheet HTML 20Page - Anpec Electronics Coropration APW7252 Datasheet HTML 21Page - Anpec Electronics Coropration APW7252 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2016
APW7252
www.anpec.com.tw
18
Function Description
Under-Voltage Lockout
An under-voltage lockout function prevents the device from
operating if the input voltage on VIN is lower than approxi-
mately 2.4V. The device automatically enters the shut-
down mode if the voltage on VIN drops below approxi-
mately 2.2V. This under-voltage lockout function is imple-
mented in order to prevent the malfunctioning of the
converter.
Soft-start
The APW7252 has a built-in digital soft-start to control the
rise rate of the output voltage and limit the input current
surge during start-up. During soft-start, the reference
voltage, output from a DAC, raises up step by step to
control the output voltage to rise gently.
Frequency Modulation Mode (PFM)
The APW7252
’s boost converter and negative charge
pump will automatically enter in PFM mode operation to
reduce the dominant switching losses. These controls
get low quiescent current, help to maintain high efficiency
over the complete load range.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7252. When the junction temperature ex-
ceeds 160oC, a thermal sensor turns off the both power
MOSFET
’s, allowing the devices to cool. The thermal sen-
sor allows the converters to start a soft-start process and
regulate the output voltage again after the junction tem-
perature cools by 10oC. The OTP designed with a 10oC
hysteresis lowers the average Junction Temperature (T
J)
during continuous thermal overload conditions, increas-
ing the life time of the device.
Under Voltage Protection (UVP)
The under-voltage protection circuit monitors the outputs
to protect the device against short-circuit or heavy load
conditions. When one of the output voltages is falls be-
low the UVP threshold (50% of VREF), a fault signal is
generated and the device turns off all outputs. The device
is then latched off and will initials a soft-start process
until re-cycle ENP and ENN or VIN.
Over Current Protection (OCP)
The APW7252 monitors the output current of the boost
converter, flowing through the N-Channel power MOSFET,
and limits the IC from damages during overload, short-
circuit and over-voltage conditions.
Enable and Shutdown
Driving ENP and ENN to ground turns off the VP and VN
voltage respectively. When both ENN and ENP is in logic
low state, the boost converter is also enters shutdown
mode and VIN quiescent supply current reduces to less
than 3
µA.
Discharge Resistance Enable/Disable
APW7252 Discharge resistance function always turn on
condition are ENN and ENP were setting low when input
voltage is high than POR. secondly, the input voltage is
low than POR then that
’s always turn on no matter ENN
and ENP were setting high or low states. The indepen-
dent discharge function of V
OUTP and VOUTN can be by DISP
bit and DISN bit. If the V
OUTP and VOUTN were normal opera-
tion then Discharge resistance function was disabling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com