Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302XD Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32F302XD
Description  CRC calculation unit
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302XD Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F302XD Datasheet HTML 68Page - STMicroelectronics STM32F302XD Datasheet HTML 69Page - STMicroelectronics STM32F302XD Datasheet HTML 70Page - STMicroelectronics STM32F302XD Datasheet HTML 71Page - STMicroelectronics STM32F302XD Datasheet HTML 72Page - STMicroelectronics STM32F302XD Datasheet HTML 73Page - STMicroelectronics STM32F302XD Datasheet HTML 74Page - STMicroelectronics STM32F302XD Datasheet HTML 75Page - STMicroelectronics STM32F302XD Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
Electrical characteristics
STM32F302xD STM32F302xE
72/168
DocID026900 Rev 4
IDD
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
1 MHz 3.92
7.06
7.54
8.60
3.42
6.53
7.05
8.10
mA
Internal
clock (HSI)
64 MHz 55.4
59.2
62.5
62.9
29.1
32.7
34.0
34.6
48 MHz 43.1
46.7
49.0
49.9
22.8
26.1
26.8
27.8
32 MHz 30.5
33.2
35.0
35.5
15.8
18.8
19.5
20.9
24 MHz 23.8
27.8
27.9
29.2
12.6
15.6
16.3
17.5
8 MHz 9.85
13.1
14.1
14.6
6.20
9.37
10.3
10.7
IDD
Supply
current in
Sleep
mode,
executing
from Flash
or RAM
External
clock (HSE
bypass)
72 MHz 48.8 53.5(2) 53.6
54.0(2) 7.60 8.20(2)
8.50
9.00(2)
64 MHz 43.5
48.6
49.1
49.3
6.90
7.50
7.80
8.00
48 MHz 33.6
38.1
40.0
41.3
5.30
5.80
6.00
6.40
32 MHz 24.3
27.5
28.1
29.3
3.80
4.10
4.40
4.70
24 MHz 18.6
21.9
22.4
22.6
2.90
3.30
3.40
3.90
8 MHz 8.24 11.27 11.79
12.70
1.36
1.74
1.85
2.00
1 MHz 3.64
6.72
7.36
8.30
0.79
1.17
1.26
1.35
Internal
clock (HSI)
64 MHz 39.7
43.9
45.5
45.8
6.70
7.30
7.40
7.70
48 MHz 30.4
33.9
35.3
36.5
5.10
5.60
5.70
6.10
32 MHz 21.9
25.8
26.2
26.7
3.60
4.10
4.20
4.50
24 MHz 17.0
20.2
21.5
21.7
2.98
3.41
3.46
3.57
8 MHz 7.81
11.0
11.7
12.4
1.41
1.74
1.81
1.87
1. Data based on characterization results, not tested in production unless otherwise specified.
2. Data based on characterization results and tested in production with code executing from RAM.
Table 25. Typical and maximum current consumption from VDD supply at VDD = 3.6V (continued)
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
Table 26. Typical and maximum current consumption from the VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA(2)
Typ
Max @ TA(2)
25 °C
85 °C 105 °C
25 °C 85 °C 105 °C
IDDA
Supply
current in
Run mode,
code
executing
from Flash
or RAM
HSE
bypass
72 MHz
220
243
255
260
241
264
281
287
µA
64 MHz
194
215
226
231
212
233
248
254
48 MHz
145
164
172
176
158
176
187
192
32 MHz
100
116
121
124
108
123
130
134
24 MHz
78
92
96
98
85
97
102
105
8 MHz
1.9
3.1
3.6
4.4
2.5
3.7
4.4
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com