Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302XD Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM32F302XD
Description  CRC calculation unit
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302XD Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM32F302XD Datasheet HTML 20Page - STMicroelectronics STM32F302XD Datasheet HTML 21Page - STMicroelectronics STM32F302XD Datasheet HTML 22Page - STMicroelectronics STM32F302XD Datasheet HTML 23Page - STMicroelectronics STM32F302XD Datasheet HTML 24Page - STMicroelectronics STM32F302XD Datasheet HTML 25Page - STMicroelectronics STM32F302XD Datasheet HTML 26Page - STMicroelectronics STM32F302XD Datasheet HTML 27Page - STMicroelectronics STM32F302XD Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 168 page
background image
Functional overview
STM32F302xD STM32F302xE
24/168
DocID026900 Rev 4
•
External triggers for conversion
•
Input voltage reference VREF+
3.16
Operational amplifier (OPAMP)
The STM32F302xD/E embed two operational amplifiers (OPAMP1 and OPAMP2) with
external or internal follower routing and PGA capability (or even amplifier and filter capability
with external components). When an operational amplifier is selected, an external ADC
channel is used to enable output measurement.
The operational amplifier features:
•
8.2 MHz bandwidth
•
0.5 mA output capability
•
Rail-to-rail input/output
•
In PGA mode, the gain is programmed to be 2, 4, 8 or 16.
3.17
Ultra-fast comparators (COMP)
The STM32F302xD/E devices embed four ultra-fast rail-to-rail comparators (COMP1, 2, 4,
6) with programmable reference voltage (internal or external) and selectable output polarity.
The reference voltage can be one of the following:
•
External I/O
•
DAC output pin
•
Internal reference voltage or submultiple (1/4, 1/2, 3/4). Refer to Table 23: Embedded
internal reference voltage for the value and precision of the internal reference voltage.
All comparators can wake up from STOP mode, generate interrupts and breaks for the
timers.
3.18
Timers and watchdogs
The STM32F302xD/E include one advanced control timer, up to six general-purpose timers,
one basic timer, two watchdog timers and one SysTick timer. The table below compares the
features of the advanced control, general purpose and basic timers.
Table 5. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
channels
Complementary
outputs
Advanced
TIM1
16-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
Yes
General-
purpose
TIM2
32-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com