Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302XD Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32F302XD
Description  CRC calculation unit
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302XD Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32F302XD Datasheet HTML 35Page - STMicroelectronics STM32F302XD Datasheet HTML 36Page - STMicroelectronics STM32F302XD Datasheet HTML 37Page - STMicroelectronics STM32F302XD Datasheet HTML 38Page - STMicroelectronics STM32F302XD Datasheet HTML 39Page - STMicroelectronics STM32F302XD Datasheet HTML 40Page - STMicroelectronics STM32F302XD Datasheet HTML 41Page - STMicroelectronics STM32F302XD Datasheet HTML 42Page - STMicroelectronics STM32F302XD Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 168 page
background image
DocID026900 Rev 4
39/168
STM32F302xD STM32F302xE
Pinout and pin description
63
Table 12. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, I2C FM+ option
TTa
3.3 V tolerant I/O
TC
Standard 3.3V I/O
B
Dedicated to BOOT0 pin
RST
Bi-directional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 13. STM32F302xD/E pin definitions
Pin number
Pin name
(function
after reset)
Alternate functions
Additional functions
-
1
D6
1
PE2
I/O
FT
(1)
TRACECK, EVENTOUT,
TIM3_CH1, TSC_G7_IO1,
SPI4_SCK, FMC_A23
-
-
2
D7
2
PE3
I/O
FT
(1)
TRACED0, EVENTOUT,
TIM3_CH2, TSC_G7_IO2,
SPI4_NSS, FMC_A19
-
-
3
C8
3
PE4
I/O
FT
(1)
TRACED1, EVENTOUT,
TIM3_CH3, TSC_G7_IO3,
SPI4_NSS, FMC_A20
-
-
4
B9
4
PE5
I/O
FT
(1)
TRACED2, EVENTOUT,
TIM3_CH4, TSC_G7_IO4,
SPI4_MISO, FMC_A21
-
-
5
E7
5
PE6
I/O
FT
(1)
TRACED3, EVENTOUT,
SPI4_MOSI, FMC_A22
WKUP3, RTC_TAMP3
16D8
6
VBAT
S
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com