Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302XD Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F302XD
Description  CRC calculation unit
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302XD Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F302XD Datasheet HTML 92Page - STMicroelectronics STM32F302XD Datasheet HTML 93Page - STMicroelectronics STM32F302XD Datasheet HTML 94Page - STMicroelectronics STM32F302XD Datasheet HTML 95Page - STMicroelectronics STM32F302XD Datasheet HTML 96Page - STMicroelectronics STM32F302XD Datasheet HTML 97Page - STMicroelectronics STM32F302XD Datasheet HTML 98Page - STMicroelectronics STM32F302XD Datasheet HTML 99Page - STMicroelectronics STM32F302XD Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 168 page
background image
Electrical characteristics
STM32F302xD STM32F302xE
96/168
DocID026900 Rev 4
Synchronous waveforms and timings
Figure 24 and Figure 27 present the synchronous waveforms and Table 53 to Table 56
provide the corresponding timings. The results shown in these tables are obtained with the
following FSMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable;
•
MemoryType = FMC_MemoryType_CRAM;
•
WriteBurst = FMC_WriteBurst_Enable;
•
CLKDivision = 1;
•
DataLatency = 2 for NOR Flash; DataLatency = 0 for PSRAM
In all timing tables, the THCLK is the HCLK clock period (with maximum FMC_CLK =
36 MHz).
Table 51. Asynchronous multiplexed PSRAM/NOR write timings(1)
1. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4THCLK-1
4THCLK+1
ns
tv(NWE_NE)
FMC_NEx low to FMC_NWE low
THCLK
THCLK+0.5
tw(NWE)
FMC_NWE low time
2THCLK-0.5
2THCLK+1
th(NE_NWE)
FMC_NWE high to FMC_NE high hold
time
THCLK-0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
5
tv(NADV_NE)
FMC_NEx low to FMC_NADV low
1
2.5
tw(NADV)
FMC_NADV low time
THCLK-2
THCLK+2
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high)
THCLK-2
-
th(A_NWE)
Address hold time after FMC_NWE high
THCLK-1
-
th(BL_NWE)
FMC_BL hold time after FMC_NWE high
THCLK-0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
1
tv(Data_NADV)
FMC_NADV high to Data valid
-
THCLK +3.5
th(Data_NWE)
Data hold time after FMC_NWE high
THCLK +0.5
-
Table 52. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)
1. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9THCLK
9THCLK+0.5
ns
tw(NWE)
FMC_NWE low time
6THCLK
6THCLK+2
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5THCLK+6
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT
invalid
5THCLK-5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com