Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302XD Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32F302XD
Description  CRC calculation unit
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302XD Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F302XD Datasheet HTML 78Page - STMicroelectronics STM32F302XD Datasheet HTML 79Page - STMicroelectronics STM32F302XD Datasheet HTML 80Page - STMicroelectronics STM32F302XD Datasheet HTML 81Page - STMicroelectronics STM32F302XD Datasheet HTML 82Page - STMicroelectronics STM32F302XD Datasheet HTML 83Page - STMicroelectronics STM32F302XD Datasheet HTML 84Page - STMicroelectronics STM32F302XD Datasheet HTML 85Page - STMicroelectronics STM32F302XD Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 168 page
background image
Electrical characteristics
STM32F302xD STM32F302xE
82/168
DocID026900 Rev 4
6.3.6
Wakeup time from low-power mode
The wakeup times given in Table 34 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
•
For Stop or Sleep mode: the wakeup event is WFE.
•
WKUP1 (PA0) pin is used to wake up from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 19.
Table 34. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ @VDD, VDD = VDDA
Max
Unit
2.0 V
2.4 V
2.7 V
3 V
3.3 V
3.6 V
tWUSTOP
Wakeup from
Stop mode
Regulator in
run mode
5.4
5.2
5.2
5.1
5.0
4.9
5.6
µs
Regulator in
low power
mode
12.0
10.1
9.2
8.6
8.1
7.8
12.9
tWUSTANDBY(1)
Wakeup from
Standby
mode
LSI and
IWDG OFF
91.0
77.1
71.7
68.0
65.1
63.1
139
tWUSLEEP
Wakeup from
Sleep mode
-6
-
CPU
clock
cycles
1. Data based on characterization results, not tested in production.
Table 35. Wakeup time using USART
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
Wakeup time needed to
calculate the maximum
USART baudrate allowing
to wakeup up from stop
mode when USART clock
source is HSI
Stop mode with
main regulator in
low power mode
-13.125
µs
Stop mode with
main regulator in
run mode
-
3.125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com