Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378CC Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32F378CC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378CC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32F378CC Datasheet HTML 51Page - STMicroelectronics STM32F378CC Datasheet HTML 52Page - STMicroelectronics STM32F378CC Datasheet HTML 53Page - STMicroelectronics STM32F378CC Datasheet HTML 54Page - STMicroelectronics STM32F378CC Datasheet HTML 55Page - STMicroelectronics STM32F378CC Datasheet HTML 56Page - STMicroelectronics STM32F378CC Datasheet HTML 57Page - STMicroelectronics STM32F378CC Datasheet HTML 58Page - STMicroelectronics STM32F378CC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 131 page
background image
DocID025608 Rev 4
55/131
STM32F378xx
Electrical characteristics
110
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 19: Voltage characteristics,
Table 20: Current characteristics, and Table 21: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
All main power (VDD, VDDSD12, VDDSD3 and VDDA) and ground (VSS, VSSSD, and VSSA) pins
must always be connected to the external power supply, in the permitted range.
The following relationship must be respected between VDDA and VDD: VDDA must power on
before or at the same time as VDD in the power up sequence. VDDA must be greater than or
equal to VDD.
The following relationship must be respected between VDDA and VDDSD12: VDDA must power
on before or at the same time as VDDSD12 or VDDSD3 in the power up sequence. VDDA must
be greater than or equal to VDDSD12 or VDDSD3.
Table 19. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDA–VSS
External main supply voltage (including VDDA, VDDSDx, VBAT)
−0.3
4.0
V
VDD–VSS
External supply voltage VDD
−0.3
1.95
VDD–VDDA
Allowed voltage difference for VDD > VDDA
-0.4
VDDSDx – VDDA Allowed voltage difference for VDDSDx > VDDA
-0.4
VREFSD+ –
VDDSD3
Allowed voltage difference for VREFSD+ > VDDSD3
-0.4
VREF+ – VDDA
Allowed voltage difference for VREF+ > VDDA
-0.4
VIN(2)
Input voltage on FT and FTf pins
VSS −0.3
VDD + 4.0
Input voltage on POR pins
VSS −0.3
VDDA + 4.0
Input voltage on TTa pins
VSS −0.3
4.0
Input voltage on TC pins on SDADCx channels inputs(3)
VSS −0.3
4.0
Input voltage on any other pin
VSS −0.3
4.0
|VSSX - VSS|
Variations between all the different ground pins
-50
mV
|VREFSD- - VSSx|-
50
mV
VESD(HBM)
Electrostatic discharge voltage (human body model)
see Section 6.3.11:
Electrical sensitivity
characteristics
-
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range.
2.
VIN maximum must always be respected. Refer to Table 20: Current characteristics for the maximum allowed injected
current values.
3. VDDSD12 is the external power supply for the PB10, and PE7 to PE15 I/O pins (the I/O pin ground is internally connected
to VSS). VDDSD3 is the external power supply for PB14 to PB15 and PD8 to PD15 I/O pins (the I/O pin ground is internally
connected to VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com