Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378CC Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32F378CC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378CC Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32F378CC Datasheet HTML 95Page - STMicroelectronics STM32F378CC Datasheet HTML 96Page - STMicroelectronics STM32F378CC Datasheet HTML 97Page - STMicroelectronics STM32F378CC Datasheet HTML 98Page - STMicroelectronics STM32F378CC Datasheet HTML 99Page - STMicroelectronics STM32F378CC Datasheet HTML 100Page - STMicroelectronics STM32F378CC Datasheet HTML 101Page - STMicroelectronics STM32F378CC Datasheet HTML 102Page - STMicroelectronics STM32F378CC Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 131 page
background image
DocID025608 Rev 4
99/131
STM32F378xx
Electrical characteristics
110
6.3.17
DAC electrical specifications
Table 62. DAC characteristics
Symbol
Parameter
Conditions
Min Typ
Max
Unit
VDDA
Analog supply voltage
-
2.4
-
3.6
V
VREF+
Reference supply voltage VREF+ must always be below VDDA
2.4
-
3.6
V
VSSA
Ground
-
0
-
0
V
RLOAD(1)
Resistive load
DAC
output
buffer ON
Connected to VSSA
5-
-
k
Ω
Connected to VDDA
25
-
-
RO(1)
Output Impedance
DAC output buffer OFF
-
-
15
k
Ω
CLOAD(1)
Capacitive load
Maximum capacitive load at DAC_OUT
pin (when the buffer is ON).
--
50
pF
DAC_OUT
min(1)
Lower DAC_OUT voltage
with buffer ON
It gives the maximum output excursion
of the DAC.
It corresponds to 12-bit input code
(0x0E0) to (0xF1C) at VREF+ = 3.6 V
and (0x155) and (0xEAB) at VREF+ =
2.4 V
0.2
-
-
V
DAC_OUT
max(1)
Higher DAC_OUT
voltage with buffer ON
--
VDDA – 0.2
V
DAC_OUT
min(1)
Lower DAC_OUT voltage
with buffer OFF
It gives the maximum output excursion
of the DAC.
-0.5
-
mV
DAC_OUT
max(1)
Higher DAC_OUT
voltage with buffer OFF
--
VREF+ – 1LSB
V
IDDVREF+(3)
DAC DC current
consumption in quiescent
mode (Standby mode)
With no load, worst code (0xF1C) at
VREF+ = 3.6 V in terms of DC
consumption on the inputs
-
-
220
µA
IDDA(3)
DAC DC current
consumption in quiescent
mode(2)
With no load, middle code (0x800) on
the inputs
-
-
380
µA
With no load, worst code (0xF1C) at
VREF+ = 3.6 V in terms of DC
consumption on the inputs
-
-
480
µA
DNL(3)
Differential non linearity
Difference between two
consecutive code-1LSB)
Given for the DAC in 10-bit
configuration
--
± 0.5
LSB
Given for the DAC in 12-bit
configuration
--
± 2
LSB
INL(3)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i
on a line drawn between
Code 0 and last Code
1023)
Given for the DAC in 10-bit
configuration
--
± 1
LSB
Given for the DAC in 12-bit
configuration
--
± 4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com