Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378CC Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F378CC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378CC Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F378CC Datasheet HTML 53Page - STMicroelectronics STM32F378CC Datasheet HTML 54Page - STMicroelectronics STM32F378CC Datasheet HTML 55Page - STMicroelectronics STM32F378CC Datasheet HTML 56Page - STMicroelectronics STM32F378CC Datasheet HTML 57Page - STMicroelectronics STM32F378CC Datasheet HTML 58Page - STMicroelectronics STM32F378CC Datasheet HTML 59Page - STMicroelectronics STM32F378CC Datasheet HTML 60Page - STMicroelectronics STM32F378CC Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 131 page
background image
DocID025608 Rev 4
57/131
STM32F378xx
Electrical characteristics
110
6.3
Operating conditions
6.3.1
General operating conditions
Table 22. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
72
MHz
fPCLK1
Internal APB1 clock frequency
-
0
36
fPCLK2
Internal APB2 clock frequency
-
0
72
VDD
Standard operating voltage
Must have a potential equal to
or lower than VDDA
1.65
1.95
V
VDDA(1)
Analog operating voltage
(ADC and DAC used)
Must have a potential equal to
or higher than VDD
2.4
3.6
V
Analog operating voltage
(ADC and DAC not used)
1.65
3.6
VDDSD12
VDDSD12 operating voltage
(SDADC used)
Must have a potential equal to
or lower than VDDA
2.2
3.6
V
VDDSD12 operating voltage
(SDADC not used)
1.65
3.6
VDDSD3
VDDSD3 operating voltage
(SDADC used)
Must have a potential equal to
or lower than VDDA
2.2
3.6
V
VDDSD3 operating voltage
(SDADC not used)
1.65
3.6
VREF+
Positive reference voltage (ADC
and DAC used)
Must have a potential equal to
or lower than VDDA
2.4
3.6
V
Positive reference voltage (ADC
and DAC not used)
1.65
3.6
VREFSD+
SDADCx positive reference
voltage
Must have a potential equal to
or lower than any VDDSDx
1.1
3.6
V
VBAT
Backup operating voltage
-
1.65
3.6
V
VIN
Input voltage on FT, FTf and POR
pins(2)
-
- 0.3
5.2
V
Input voltage on TTa pins
- 0.3
VDDA + 0.3
Input voltage on TC pins on
SDADCx channels inputs(3)
- 0.3
VDDSDx + 0.3
Input voltage on BOOT0 pin
0
5.5
Input voltage on any other pin
- 0.3
VDD
+ 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com