Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378CC Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F378CC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378CC Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F378CC Datasheet HTML 58Page - STMicroelectronics STM32F378CC Datasheet HTML 59Page - STMicroelectronics STM32F378CC Datasheet HTML 60Page - STMicroelectronics STM32F378CC Datasheet HTML 61Page - STMicroelectronics STM32F378CC Datasheet HTML 62Page - STMicroelectronics STM32F378CC Datasheet HTML 63Page - STMicroelectronics STM32F378CC Datasheet HTML 64Page - STMicroelectronics STM32F378CC Datasheet HTML 65Page - STMicroelectronics STM32F378CC Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 131 page
background image
Electrical characteristics
STM32F378xx
62/131
DocID025608 Rev 4
Note:
To calculate complete device consumption there must be added consumption from VDDA (Table 29.
Table 27. Typical and maximum current consumption from VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA= 2.4 V
VDDA= 3.6 V
Unit
Typ
Max @ TA(2)
Typ
Max @ TA(2)
25 °C
85 °C 105 °C
25 °C
85 °C 105 °C
IDDA
Supply
current in
Run or
Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass,
PLL on
72 MHz 226
250
272
279
247
268
302
308
µA
64 MHz 200
223
245
250
218
240
267
273
48 MHz 150
172
189
194
163
182
207
210
32 MHz 103
122
137
139
111
130
147
148
24 MHz
80
99
109
111
86
102
117
117
HSE
bypass,
PLL off
8 MHz
1
3
3
3
1
3
3
4
1 MHz
1
3
3
4
1
3
4
4
HSI clock,
PLL on
64 MHz 268
293
319
325
296
321
351
358
48 MHz 219
242
263
267
241
263
290
296
32 MHz 171
193
210
213
189
209
230
234
24 MHz 148
169
181
184
165
182
200
203
HSI clock,
PLL off
8 MHz
68
84
86
87
80
93
95
97
1. Current consumption from the VDDA supply is independent of whether the peripherals are on or off. Furthermore when the
PLL is off, IDDA is independent from the frequency.
2. Guaranteed by characterization results.
Table 28. Typical and maximum VDD consumption in Stop mode
Symbol
Parameter
Conditions
Typ@VDD
(VDD=1.8 V, VDDA=3.3 V)
Max
Unit
TA=
25 °C
TA=
85 °C
TA=
105 °C
IDD
Supply current
in Stop mode
All oscillators OFF
5.19
29.2
485.7
1052.2
µA
Table 29. Typical and maximum VDDA consumption in Stop mode
Symbol Parameter
Conditions
Typ@VDDA (VDD= 1.8 V)
Max(1)
Unit
1.8 V 2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA=
25 °C
TA=
85 °C
TA=
105 °C
IDDA
Supply
current in
Stop mode
All oscillators
OFF
0.74 0.76 0.78 0.81 0.86 0.92
1
8.8
10.1
11.6
µA
1. Data based on characterization results and tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com