Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378CC Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F378CC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378CC Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F378CC Datasheet HTML 36Page - STMicroelectronics STM32F378CC Datasheet HTML 37Page - STMicroelectronics STM32F378CC Datasheet HTML 38Page - STMicroelectronics STM32F378CC Datasheet HTML 39Page - STMicroelectronics STM32F378CC Datasheet HTML 40Page - STMicroelectronics STM32F378CC Datasheet HTML 41Page - STMicroelectronics STM32F378CC Datasheet HTML 42Page - STMicroelectronics STM32F378CC Datasheet HTML 43Page - STMicroelectronics STM32F378CC Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 131 page
background image
Pinouts and pin description
STM32F378xx
40/131
DocID025608 Rev 4
93
B4 59 43 A6
PB7
I/O
-
FTf
I2C1_SDA, USART1_RX,
TIM17_CH1N, TIM3_CH4,
TIM4_CH2, TIM19_CH2,
TIM15_CH2, TSC_G5_IO4
-
94
A4 60 44 C7
BOOT0
I
-
B
Boot memory selection
95
A3 61 45 B7
PB8
I/O
-
FTf
SPI2_SCK/I2S2_CK,
I2C1_SCL, USART3_TX,
CAN_RX, CEC,
TIM16_CH1, TIM4_CH3,
TIM19_CH3, COMP1_OUT,
TSC_SYNC
-
96
B3 62 46 A7
PB9
I/O
-
FTf
SPI2_NSS/I2S2_WS,
I2C1_SDA, USART3_RX,
CAN_TX, IR_OUT,
TIM17_CH1, TIM4_CH4,
TIM19_CH4, COMP2_OUT
-
97
C3
-
-
-
PE0
I/O
(1)
FT
USART1_TX, TIM4_ETR
-
98
A2
-
-
-
PE1
I/O
(1)
FT
USART1_RX
-
99
D3 63 47 C6
VSS_1
S
-
-
Ground
-
-
-
-
G5
VSS_1
S
(1)
-
Ground
-
-
-
-
G4
VSS_1
S
(1)
-
Ground
100 C4 64 48 D6
VDD_1
S
-
-
Digital power supply
1. When using the small packages (48 and 64 pin packages), the GPIO pins which are not present on these packages, must
not be configured in analog mode.
2.
PC13, PC14 and PC15 are supplied through the power switch. Since the switch sinks only a limited amount of current
(3 mA), the use of GPIO PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED)
After the first backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the Backup registers which is not reset by the main reset. For details on how to manage these GPIOs, refer to
the Battery backup domain and BKP register description sections in the RM0313 reference manual.
3. These pins are powered by VDDA.
4. These pins are powered by VDDSD12.
5. These pins are powered by VDDSD3.
Table 11. STM32F378xx pin definitions (continued)
Pin numbers
Pin name
(function after
reset)
Pin
type
Pin functions
Alternate function
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com