Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378CC Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F378CC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378CC Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F378CC Datasheet HTML 102Page - STMicroelectronics STM32F378CC Datasheet HTML 103Page - STMicroelectronics STM32F378CC Datasheet HTML 104Page - STMicroelectronics STM32F378CC Datasheet HTML 105Page - STMicroelectronics STM32F378CC Datasheet HTML 106Page - STMicroelectronics STM32F378CC Datasheet HTML 107Page - STMicroelectronics STM32F378CC Datasheet HTML 108Page - STMicroelectronics STM32F378CC Datasheet HTML 109Page - STMicroelectronics STM32F378CC Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 131 page
background image
Electrical characteristics
STM32F378xx
106/131
DocID025608 Rev 4
Rain
Analog
input
impedance
One channel, gain = 0.5,
fADC = 1.5 MHz
-540
-
k
Ω
see
reference
manual for
detailed
description
One channel, gain = 0.5, fADC = 6
MHz
-135
-
One channel, gain = 8, fADC = 6 MHz
-
47
-
tCALIB
Calibration
time
fADC = 6 MHz, one offset calibration
-
5120
-
µs
30720/fADC
tSTAB
Stabilizatio
n time
From power down fADC = 6 MHz
-
100
-
µs
600/fADC,
75/fADC if
SLOWCK
=1
tSTANDBY
Wakeup
from
standby
time
fADC = 6 MHz
-
50
-
µs
300/fADC
fADC = 1.5 MHz
-
50
-
75/fADC if
SLOWCK
=1
EO
Offset
error
fADC =
1.5 MHz
VDDSDx
= 3.3
VREFSD+
= 3.3
--
110
uV
after offset
calibration
fADC =
6MHz
VREFSD+
= 1.2
--
110
VREFSD+
= 3.3
--
100
fADC =
6MHz
VREFSD+
= 1.2
--
70
VREFSD+
= 3.3
--
100
fADC =
1.5 MHz
VREFSD+
= 3.3
--
90
-
VREFSD+
= 1.2
-
-
2100
VREFSD+
= 3.3
-
-
2000
VREFSD+
= 1.2
-
-
1500
VREFSD+
= 3.3
-
-
1800
Dvoffsettem
p
Offset drift
with
temperatur
e
Differential or single ended mode,
gain = 1, VDDSDx = 3.3 V
-10
15
uV/K
-
EG
Gain error
All gains, differential mode, single
ended mode
-2.4
-2.7
-3.1
%
negative
gain error =
data result
are greater
than ideal
Table 70. SDADC characteristics (continued)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com