Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F378CC Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32F378CC
Description  Reset and power management
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F378CC Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32F378CC Datasheet HTML 123Page - STMicroelectronics STM32F378CC Datasheet HTML 124Page - STMicroelectronics STM32F378CC Datasheet HTML 125Page - STMicroelectronics STM32F378CC Datasheet HTML 126Page - STMicroelectronics STM32F378CC Datasheet HTML 127Page - STMicroelectronics STM32F378CC Datasheet HTML 128Page - STMicroelectronics STM32F378CC Datasheet HTML 129Page - STMicroelectronics STM32F378CC Datasheet HTML 130Page - STMicroelectronics STM32F378CC Datasheet HTML 131Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 129 / 131 page
background image
DocID025608 Rev 4
129/131
STM32F378xx
Revision history
130
9
Revision history
Table 80. Document revision history
Date
Revision
Changes
04-Mar-2014
1
Initial release.
09-Apr-2014
2
Removed sub-set part number (64KB and 128KB).
Updated Part numbering on page 128
21-Jul-2015
3
Updated Section 7
Updated Section 3.13
Updated Section 3.7.1, Section 3.7.3
Updated Table 2: Device overview, Table 11: STM32F378xx pin
definitions, Table 22: General operating conditions, Table 47: ESD
absolute maximum ratings, Table 70: SDADC characteristics,
Table 74: WLCSP66 - 66-pin, 3.767 x 4.229 mm, 0.4 mm pitch
wafer level chip scale package mechanical data and Table 75:
LQPF100 - 100-pin, 14 x 14 mm low-profile quad flat package
mechanical data, Table 78: Package thermal characteristics and
Table 79: Ordering information scheme
Updated Figure 5: STM32F378xx UFBGA100 ballout, Figure 10:
Power supply scheme, Figure 35: WLCSP66 - 66-pin, 3.767 x
4.229 mm, 0.4 mm pitch wafer level chip scale package outline,
Figure 36: WLCSP66 marking example (package top view),
Figure 38: LQFP100 - 100-pin, 14 x 14 mm low-profile quad flat
recommended footprint, Figure 39: LQFP100 marking example
(package top view), Figure 40: LQFP64 - 64-pin, 10 x 10 mm low-
profile quad flat package outline, Figure 41: LQFP64 - 64-pin, 10 x
10 mm low-profile quad flat package recommended footprint,
Figure 42: LQFP64 marking example (package top view),
Figure 44: LQFP48 - 48-pin, 7 x 7 mm low-profile quad flat
package recommended footprint, Figure 45: LQFP48 marking
example (package top view).
Added Table 30: Typical and maximum current consumption from
VBAT supply, Table 63: Comparator characteristics, Table 73:
UFBGA100 recommended PCB design rules (0.5 mm pitch BGA)
Added Figure 12: Typical VBAT current consumption (LSE and
RTC ON/LSEDRV[1:0]='00'), Figure 31: Maximum VREFINT
scaler startup time from power down and Figure 33: UFBGA100 -
100-pin, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid array
package recommended footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com