Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100RB Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32L100RB
Description  Ultra-low-power platform
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RB Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32L100RB Datasheet HTML 50Page - STMicroelectronics STM32L100RB Datasheet HTML 51Page - STMicroelectronics STM32L100RB Datasheet HTML 52Page - STMicroelectronics STM32L100RB Datasheet HTML 53Page - STMicroelectronics STM32L100RB Datasheet HTML 54Page - STMicroelectronics STM32L100RB Datasheet HTML 55Page - STMicroelectronics STM32L100RB Datasheet HTML 56Page - STMicroelectronics STM32L100RB Datasheet HTML 57Page - STMicroelectronics STM32L100RB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
Electrical characteristics
STM32L100C6 STM32L100R8/RB
54/103
DocID024295 Rev 5
Table 21. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
(1)
Max
(1)(2)
Unit
IDD (Stop
with RTC)
Supply current
in Stop mode
with RTC
enabled
RTC clocked by LSI,
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog)
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.2
2.75
µA
TA = -40°C to 25°C 1.4
4
TA = 55°C
2.6
6
TA= 85°C
4.8
10
LCD ON
(static
duty)(3)
TA = -40°C to 25°C 3.3
6
TA = 55°C
4.5
8
TA= 85°C
6.6
12
LCD ON
(1/8
duty)(4)
TA = -40°C to 25°C 7.7
10
TA = 55°C
8.6
12
TA= 85°C
10.7
16
RTC clocked by LSE
external clock (32.768
kHz), regulator in LP
mode, HSI and HSE
OFF (no independent
watchdog)
LCD
OFF
TA = -40°C to 25°C 1.6
4
TA = 55°C
2.7
6
TA= 85°C
4.8
10
LCD ON
(static
duty)(3)
TA = -40°C to 25°C 3.6
6
TA = 55°C
4.6
8
TA= 85°C
6.7
12
LCD ON
(1/8
duty)(4)
TA = -40°C to 25°C 7.6
10
TA = 55°C
8.6
12
TA= 85°C
10.7
16
RTC clocked by LSE
(no independent
watchdog)(5)
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.45
-
TA = -40°C to 25°C
VDD = 3.0 V
1.9
-
TA = -40°C to 25°C
VDD = 3.6 V
2.2
-
IDD (Stop)
Supply current
in Stop mode
(RTCdisabled)
Regulator in LP mode, HSI and
HSE OFF, independent
watchdog and LSI enabled
TA = -40°C to 25°C 1.1
2.2
µA
Regulator in LP mode, LSI, HSI
and HSE OFF (no independent
watchdog)
TA = -40°C to 25°C 0.5
0.9
TA = 55°C
1.9
5
TA= 85°C
3.7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com