Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100RB Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32L100RB
Description  Ultra-low-power platform
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RB Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32L100RB Datasheet HTML 95Page - STMicroelectronics STM32L100RB Datasheet HTML 96Page - STMicroelectronics STM32L100RB Datasheet HTML 97Page - STMicroelectronics STM32L100RB Datasheet HTML 98Page - STMicroelectronics STM32L100RB Datasheet HTML 99Page - STMicroelectronics STM32L100RB Datasheet HTML 100Page - STMicroelectronics STM32L100RB Datasheet HTML 101Page - STMicroelectronics STM32L100RB Datasheet HTML 102Page - STMicroelectronics STM32L100RB Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 103 page
background image
Revision history
STM32L100C6 STM32L100R8/RB
100/103
DocID024295 Rev 5
9
Revision history
Table 64. Document revision history
Date
Revision
Changes
21-Feb-2013
1
Initial release.
31-Mar-2014
2
Updated max. RAM size from 10 to 16 Kbytes
Changed number of wakeup pins from 3 to 2 throughout the
document.
Added Section 6.1.7: Optional LCD power supply scheme.
Removed first sentence in I2C interface characteristics
Moved Table 14: Embedded internal reference voltage calibration
values (previously in Section 3.10.1: Internal voltage reference
(VREFINT) with title “Internal voltage reference measured values”).
Replaced “Σ” with “σ” in Section 6.1.1 and 6.1.2.
Updated LCD and ADC features in Table 1: Ultra-low-power
STM32L100C6 and STM32L100R8/RB device features and
peripheral counts.
Updated fHSE conditions in Table 16: Current consumption in Run
mode, code with data processing running from Flash and Table 17:
Current consumption in Run mode, code with data processing
running from RAM.
Fixed IDD unit in Table 22: Typical and maximum current
consumptions in Standby mode.
Modified title of Table 27: HSE oscillator characteristics.
Modified title of Table 24: Low-power mode wakeup timings.
Section 6.3.5: Wakeup time from Low-power mode was previously a
paragraph in Section 6.3.4: Supply current characteristics.
Modified introduction of Section 6.3.4: Supply current
characteristics.
Added paragraph below title High-speed external user clock
generated from an external source.
Added 2 bullets on page 50.
Moved Figure 11: High-speed external clock source AC timing
diagram (was previously after Figure 12: Low-speed external clock
source AC timing diagram).
Updated Figure 29 footnote numbering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com