Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100RB Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32L100RB
Description  Ultra-low-power platform
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RB Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32L100RB Datasheet HTML 44Page - STMicroelectronics STM32L100RB Datasheet HTML 45Page - STMicroelectronics STM32L100RB Datasheet HTML 46Page - STMicroelectronics STM32L100RB Datasheet HTML 47Page - STMicroelectronics STM32L100RB Datasheet HTML 48Page - STMicroelectronics STM32L100RB Datasheet HTML 49Page - STMicroelectronics STM32L100RB Datasheet HTML 50Page - STMicroelectronics STM32L100RB Datasheet HTML 51Page - STMicroelectronics STM32L100RB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
Electrical characteristics
STM32L100C6 STM32L100R8/RB
48/103
DocID024295 Rev 5
6.3.4
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code. The current consumption is measured as described in Figure 10: Current
consumption measurement scheme.
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to Dhrystone 2.1 code, unless otherwise
specified.
The current consumption values are derived from the tests performed under ambient
temperature TA=25°C and VDD supply voltage conditions summarized in Table 12: General
operating conditions, unless otherwise specified.
Maximum current consumption
The MCU is placed under the following conditions:
•
VDD = 3.6 V
•
All I/O pins are in input mode with a static value at VDD or VSS (no load).
•
All peripherals are disabled except when explicitly mentioned.
•
The Flash memory access time is adjusted depending on fHCLK frequency and voltage
range.
•
Prefetch and 64-bit access are enabled in configurations with 1 wait state.
•
When the peripherals are enabled fAPB1 = fAPB2 = fAHB.
•
When fHCLK > 8 MHz, PLL is ON and PLL inputs are equal to HSI = 8 MHz (if internal
clock is used) or HSE = 8 MHz (if HSE bypass mode is used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com