Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100RB Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32L100RB
Description  Ultra-low-power platform
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RB Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32L100RB Datasheet HTML 45Page - STMicroelectronics STM32L100RB Datasheet HTML 46Page - STMicroelectronics STM32L100RB Datasheet HTML 47Page - STMicroelectronics STM32L100RB Datasheet HTML 48Page - STMicroelectronics STM32L100RB Datasheet HTML 49Page - STMicroelectronics STM32L100RB Datasheet HTML 50Page - STMicroelectronics STM32L100RB Datasheet HTML 51Page - STMicroelectronics STM32L100RB Datasheet HTML 52Page - STMicroelectronics STM32L100RB Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
DocID024295 Rev 5
49/103
STM32L100C6 STM32L100R8/RB
Electrical characteristics
90
Table 16. Current consumption in Run mode, code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
55 °C
85 °C
IDD (Run
from Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK
up to 16 MHz,
included
fHSE = fHCLK/2 above
16 MHz
(PLL ON)(2)
Range 3, VCORE=1.2
V VOS[1:0] = 11
1 MHz
270
400
400
µA
2 MHz
470
600
600
4 MHz
890
1025
1025
Range 2, VCORE=1.5
V VOS[1:0] = 10
4 MHz
1
1.3
1.3
mA
8 MHz
2
2.5
2.5
16 MHz
3.9
5
5
Range 1, VCORE=1.8
V VOS[1:0] = 01
8 MHz
2.16
3
3
16 MHz
4.8
5.5
5.5
32 MHz
9.6
11
11
HSI clock source (16
MHz)
Range 2, VCORE=1.5
V VOS[1:0] = 10
16 MHz
4
5
5
Range 1, VCORE=1.8
V VOS[1:0] = 01
32 MHz
9.4
11
11
MSI clock, 65 kHz
Range 3, VCORE=1.2
V VOS[1:0] = 11
65 kHz
0.05
0.085
0.09
MSI clock, 524 kHz
524 kHz
0.15
0.185
0.19
MSI clock, 4.2 MHz
4.2 MHz
0.9
1
1
1. Guaranteed by characterization results, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com