Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100RB Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32L100RB
Description  Ultra-low-power platform
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32L100RB Datasheet HTML 6Page - STMicroelectronics STM32L100RB Datasheet HTML 7Page - STMicroelectronics STM32L100RB Datasheet HTML 8Page - STMicroelectronics STM32L100RB Datasheet HTML 9Page - STMicroelectronics STM32L100RB Datasheet HTML 10Page - STMicroelectronics STM32L100RB Datasheet HTML 11Page - STMicroelectronics STM32L100RB Datasheet HTML 12Page - STMicroelectronics STM32L100RB Datasheet HTML 13Page - STMicroelectronics STM32L100RB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
Description
STM32L100C6 STM32L100R8/RB
10/103
DocID024295 Rev 5
2.1
Device overview
Table 1. Ultra-low-power STM32L100C6 and STM32L100R8/RB device features
and peripheral counts
Peripheral
STM32L100C6
STM32L100R8/B
Flash (Kbytes)
32
64
128
Data EEPROM (Kbytes)
2
RAM (Kbytes)
48
10
Timers
General-
purpose
6
Basic
2
Communication
interfaces
SPI
2
I2C
2
USART
3
USB
1
GPIOs
37
51
12-bit synchronized ADC
Number of channels
1
14 channels
1
20 channels
12-bit DAC
Number of channels
2
2
LCD
COM x SEG
4x18
4x32
8x28
Comparator
2
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C
Junction temperature: -40 to +105°C
Packages
UFQFPN48
LQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com