Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100RB Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32L100RB
Description  Ultra-low-power platform
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RB Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32L100RB Datasheet HTML 95Page - STMicroelectronics STM32L100RB Datasheet HTML 96Page - STMicroelectronics STM32L100RB Datasheet HTML 97Page - STMicroelectronics STM32L100RB Datasheet HTML 98Page - STMicroelectronics STM32L100RB Datasheet HTML 99Page - STMicroelectronics STM32L100RB Datasheet HTML 100Page - STMicroelectronics STM32L100RB Datasheet HTML 101Page - STMicroelectronics STM32L100RB Datasheet HTML 102Page - STMicroelectronics STM32L100RB Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
DocID024295 Rev 5
101/103
STM32L100C6 STM32L100R8/RB
Revision history
102
31-Mar-2014
(continued)
2
Deleted second footnote in Figure 30.
Updated Section 6.3.11: Electrical sensitivity characteristics title.
Updated section link in second paragraph of Section 6.3.15: TIM
timer characteristics.
Removed all occurrences of “when 8 pins are sourced at same
time” in Table 42: Output voltage characteristics.
Modified first sentence in Section 6.3.14: NRST pin characteristics.
Updated text and removed figure Power supply and reference
decoupling in General PCB design guidelines.
Updated sub-section TIM10, TIM11 and TIM9.
In Table 58: Comparator 2 characteristics, parameter dThreshold/dt,
replaced all occurrences of “VREF+” with “VREFINT”.
Updated:
– Table 4: Working mode-dependent functionalities (from
Run/active down to standby)
– Table 5: Timer feature comparison
– Table 7: STM32L100C6 and STM32L100R8/RB pin definitions
– Table 9: Voltage characteristics
– Table 12: General operating conditions
– Table 15: Embedded internal reference voltage
– Table 25: High-speed external user clock characteristics
– Table 28: LSE oscillator characteristics (fLSE = 32.768 kHz)
– Table 29: HSI oscillator characteristics
– Table 38: ESD absolute maximum ratings
– Table 40: I/O current injection susceptibility
– Table 41: I/O static characteristics
– Table 42: Output voltage characteristics
– Table 44: NRST pin characteristics
– Table 61: UFQFPN48 7 x 7 mm, 0.5 mm pitch, package
mechanical data
– Table 62: Thermal characteristics, Table 53: ADC characteristics
Updated:
– Figure 6: Pin loading conditions
– Figure 7: Pin input voltage
– Figure 8: Power supply scheme
– Figure 10: Current consumption measurement scheme
– Figure 17: I2C bus AC waveforms and measurement circuit
– Figure 23: Typical connection diagram using the ADC
– Figure 32: Thermal resistance
Added:
– Figure 28: LQFP64 10 x 10 mm, 64-pin low-profile quad flat
package top view example
– Figure 31: UFQFPN48 7 x 7 mm, 0.5 mm pitch, package top view
example
– Table 6: Legend/abbreviations used in the pinout table
10-Apr-2014
3
Updated 10 KB RAM in Cover & description.
Table 64. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com