Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 109Page - STMicroelectronics STM32F769I Datasheet HTML 110Page - STMicroelectronics STM32F769I Datasheet HTML 111Page - STMicroelectronics STM32F769I Datasheet HTML 112Page - STMicroelectronics STM32F769I Datasheet HTML 113Page - STMicroelectronics STM32F769I Datasheet HTML 114Page - STMicroelectronics STM32F769I Datasheet HTML 115Page - STMicroelectronics STM32F769I Datasheet HTML 116Page - STMicroelectronics STM32F769I Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 255 page
background image
DocID029041 Rev 4
113/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
Figure 25. STM32F767xx/STM32F777xx power supply scheme
1. To connect BYPASS_REG and PDR_ON pins, refer to Section 2.18: Power supply supervisor and
Section 2.19: Voltage regulator.
2. The two 2.2 μF ceramic capacitors should be replaced by two 100 nF decoupling capacitors when the
voltage regulator is OFF.
3. The 4.7 μF ceramic capacitor must be connected to one of the VDD pin.
4. VDDA=VDD and VSSA=VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com