Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 111Page - STMicroelectronics STM32F769I Datasheet HTML 112Page - STMicroelectronics STM32F769I Datasheet HTML 113Page - STMicroelectronics STM32F769I Datasheet HTML 114Page - STMicroelectronics STM32F769I Datasheet HTML 115Page - STMicroelectronics STM32F769I Datasheet HTML 116Page - STMicroelectronics STM32F769I Datasheet HTML 117Page - STMicroelectronics STM32F769I Datasheet HTML 118Page - STMicroelectronics STM32F769I Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 255 page
background image
DocID029041 Rev 4
115/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
1. Applicable only for STM32F7x9 sales types.
2. All main power (VDD, VDDA, VDDSDMMC, VDDUSB, VDDDSI) and ground (VSS, VSSA) pins must always be
connected to the external power supply, in the permitted range.
3. VIN maximum value must always be respected. Refer to Table 15 for the values of the maximum allowed
injected current.
4. Include VREF- pin.
Table 15. Current characteristics
Symbol
Ratings
Max.
Unit
ΣIVDD
Total current into sum of all VDD_x power lines (source)(1)
420
mA
Σ IVSS
Total current out of sum of all VSS_x ground lines (sink)(1)
−420
Σ IVDDUSB
Total current into VDDUSB power line (source)
25
Σ IVDDSDMMC Total current into VDDSDMMC power line (source)
60
IVDD
Maximum current into each VDD_x power line (source)(1)
100
IVDDSDMMC Maximum current into VDDSDMMC power line (source): PG[12:9], PD[7:6]
100
IVSS
Maximum current out of each VSS_x ground line (sink)(1)
−100
IIO
Output current sunk by any I/O and control pin
25
Output current sourced by any I/Os and control pin
−25
ΣIIO
Total output current sunk by sum of all I/O and control pins (2)
120
Total output current sunk by sum of all USB I/Os
25
Total output current sunk by sum of all SDMMC I/Os
120
Total output current sourced by sum of all I/Os and control pins except USB I/Os(2)
−120
IINJ(PIN)
Injected current on FT, FTf, RST and B pins (3)
−5/+0
Injected current on TTa pins(4)
±5
ΣIINJ(PIN)(4) Total injected current (sum of all I/O and control pins)(5)
±25
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range.
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be
sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages.
3. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum
value.
4. A positive injection is induced by VIN>VDDA while a negative injection is induced by VIN<VSS. IINJ(PIN) must never be
exceeded. Refer to Table 14: Voltage characteristics for the values of the maximum allowed input voltage.
5. When several inputs are submitted to a current injection, the maximum IINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values).
Table 16. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
65 to +150
°C
TJ
Maximum junction temperature
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com