Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 129Page - STMicroelectronics STM32F769I Datasheet HTML 130Page - STMicroelectronics STM32F769I Datasheet HTML 131Page - STMicroelectronics STM32F769I Datasheet HTML 132Page - STMicroelectronics STM32F769I Datasheet HTML 133Page - STMicroelectronics STM32F769I Datasheet HTML 134Page - STMicroelectronics STM32F769I Datasheet HTML 135Page - STMicroelectronics STM32F769I Datasheet HTML 136Page - STMicroelectronics STM32F769I Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 255 page
background image
DocID029041 Rev 4
133/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
I/O static current consumption
All the I/Os used as inputs with pull-up generate a current consumption when the pin is
externally held low. The value of this current consumption can be simply computed by using
the pull-up/pull-down resistors values given in Table 65: I/O static characteristics.
For the output pins, any external pull-down or external load must also be considered to
estimate the current consumption.
An additional I/O current consumption is due to I/Os configured as inputs if an intermediate
voltage level is externally applied. This current consumption is caused by the input Schmitt
trigger circuits used to discriminate the input value. Unless this specific configuration is
required by the application, this supply current consumption can be avoided by configuring
these I/Os in analog mode. This is notably the case of ADC input pins which should be
configured as analog inputs.
Table 37. Typical and maximum current consumptions in VBAT mode
Symbol
Parameter
Conditions(1)
Typ
Max(2)
Unit
TA =25 °C
TA =85 °C TA =105 °C
VBAT =
1.7 V
VBAT=
2.4 V
VBAT=
3.3 V
VBAT = 3.6 V
IDD_VBAT
Supply current
in VBAT mode
Backup SRAM OFF, RTC and
LSE OFF
0.03
0.04
0.04
0.2
0.4
μA
Backup SRAM ON, RTC and
LSE OFF
0.77
0.78
0.83
3.2
7.4
Backup SRAM OFF, RTC ON
and LSE in low drive mode
0.62
0.8
1.13
4.4
10.2
Backup SRAM OFF, RTC ON
and LSE in medium low drive
mode
0.65
0.83
1.17
4.6
10.6
Backup SRAM OFF, RTC ON
and LSE in medium high drive
mode
0.75
0.94
1.28
5.0
11.4
Backup SRAM OFF, RTC ON
and LSE in high drive mode
0.9
1.08
1.43
5.5
12.8
Backup SRAM ON, RTC ON and
LSE in low drive mode
1.35
1.54
1.91
7.3
17.2
Backup SRAM ON, RTC ON and
LSE in Medium low drive mode
1.38
1.57
1.93
7.9
18.4
Backup SRAM ON, RTC ON and
LSE in Medium high drive mode
1.53
1.73
2.11
8.0
18.7
Backup SRAM ON, RTC ON and
LSE in High drive mode
1.67
1.87
2.26
9.0
21.0
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com