Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F769I Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 133Page - STMicroelectronics STM32F769I Datasheet HTML 134Page - STMicroelectronics STM32F769I Datasheet HTML 135Page - STMicroelectronics STM32F769I Datasheet HTML 136Page - STMicroelectronics STM32F769I Datasheet HTML 137Page - STMicroelectronics STM32F769I Datasheet HTML 138Page - STMicroelectronics STM32F769I Datasheet HTML 139Page - STMicroelectronics STM32F769I Datasheet HTML 140Page - STMicroelectronics STM32F769I Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 255 page
background image
DocID029041 Rev 4
137/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
APB1
(up to
54 MHz)
TIM2
19.1
18.7
14.7
μA/MHz
TIM3
14.6
14.0
10.6
TIM4
15.4
14.7
11.4
TIM5
18.1
17.6
13.6
TIM6
3.1
2.7
1.4
TIM7
3.0
2.7
1.1
TIM12
8.1
7.8
5.6
TIM13
5.4
5.1
3.1
TIM14
5.6
5.3
3.3
LPTIM1
9.8
9.6
6.9
WWDG
1.9
1.6
1,4
SPI2/I2S2(3)
3.0
2.9
1.4
SPI3/I2S3(3)
3.0
3.3
1.4
SPDIFRX
2.4
2.0
1.7
USART2
12.6
12.7
9.2
USART3
12.4
12.4
9.4
UART4
10.7
10.9
8.1
UART5
10.7
10.7
8.1
I2C1
8.9
8.9
6.4
I2C2
8.3
8.2
6.1
I2C3
8.1
8.2
6.1
I2C4
8.0
8.2
5.8
CAN1
6.3
6.4
4.4
CAN2
5.7
5.8
3.9
CAN3
7.4
7.1
5.6
HDMI-CEC
2.2
1.8
1.4
PWR
1.3
0.9
0.8
DAC(4)
4.8
4.2
3.6
UART7
10.4
10.4
7.8
UART8
11.1
11.3
8.3
Table 39. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com